Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWSF-M-D-1550-CWDM Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWSF-M-D-1550-CWDM
Description  1550/CWDM MUX/DEMUX Plug-in Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-M-D-1550-CWDM Datasheet(HTML) 2 Page - Finisar Corporation.

  FWSF-M-D-1550-CWDM Datasheet HTML 1Page - Finisar Corporation. FWSF-M-D-1550-CWDM Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F i n i s a r
1550/CWDM MUX/DEMUX Plug-in Module Parameter Specifications
1550 Port
Max Insertion Loss (dB)
Min Isolation (dB)
Passband
Mux
Demux
Mux
Demux
+/-25nm
1.50
1.50
30
30
CWDM Grid port
Max Insertion Loss (dB)
Min Isolation (dB)
Passband
Mux
Demux
Mux
Demux
+/- 6.5nm
2.0
2.0
30
30
Note: Connector loss included.
Front Panel
SC connector front panel
LC connector front panel
Dimensions (Unit: inch)
Ordering Information
Part Number Description
FWSF-M/D-1550/CWDM
1550/CWDM Wavelength MUX/DEMUX Plug-in Module for FWSF-CHASSIS-2, SC connectors
FWSF-M/D-1550/CWDM-LC
1550/CWDM Wavelength MUX/DEMUX Plug-in Module for FWSF-CHASSIS-2, LC connectors
Finisar Shanghai Inc.
No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai,
China 201201
Main: +86-21-38559200
Fax: +86-21-68919894
Website: www.finisar.com
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Jan. 09 Rev. D


Similar Part No. - FWSF-M-D-1550-CWDM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
FWSF-M-D-4-EX-LC FINISAR-FWSF-M-D-4-EX-LC Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-8-LC FINISAR-FWSF-M-D-8-LC Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
More results

Similar Description - FWSF-M-D-1550-CWDM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
   CWDM MUX/DEMUX-8 w/TAP Plug-in Module
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
logo
MRV Communications, Inc...
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
   Passive CWDM MUX/DeMUX Modules
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com