Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  C515 Datasheet HTML 1Page - Cooper Bussmann, Inc. C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
56
Electronic — PCB & Small Dimension Fuses
GMD-V (axial leads)
GMD
Specifications
Description:
Time-
delay fuse.
Dimensions:
5 x 20mm
(0.197” x 0.788”).
Construction:
Glass tube, nickel-
plated brass end-
caps.
Ratings:
Volts — 250Vac
Amps — 125mA-4A
IR — 10kA (125mA-3A @
125Vac, p.f. = 0.7-0.8)
— 10kA (4A @ 125Vac,
p.f. = 1.0)
— 35A (125mA-1A @ 250Vac,
p.f. = 0.7-0.8)
— 100A (1.2A-3.A @ 250Vac,
p.f. = 0.7-0.8)
— 200A (4A @ 250Vac,
p.f. = 1.0)
Agency Information:
CE, UL Listed
Guide JDYX, File E19180, 125mA-3A,
UL Recognized, Guide JDYX2, File
E19180, 4A, CSA Certified, Class
1422-01, File 53787, 0-4A, PSE/JET.
File 1641-31003-1001, 1.2A-4A.
Features and Benefits
• Time-delay compatibility for inductive
circuits.
• Conforming to UL standards.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
GMD-V-125-R
GMD-V-500-R
GMD-V-1.5-R
GMD-V-150-R
GMD-V-600-R
GMD-V-1.6-R
GMD-V-200-R
GMD-V-630-R
GMD-V-2-R
GMD-V-250-R
GMD-V-750-R
GMD-V-2.5-R
GMD-V-300-R
GMD-V-800-R
GMD-V-3-R
GMD-V-315-R
GMD-V-1-R
GMD-V-4-R
GMD-V-375-R
GMD-V-1.2-R
GMD-V-400-R
GMD-V-1.25-R
Without Axial Leads
GMD-125-R
GMD-500-R
GMD-1.5-R
GMD-150-R
GMD-600-R
GMD-1.6-R
GMD-200-R
GMD-630-R
GMD-2-R
GMD-250-R
GMD-750-R
GMD-2.5-R
GMD-300-R
GMD-800-R
GMD-3-R
GMD-315-R
GMD-1-R
GMD-4-R
GMD-375-R
GMD-1.2-R
GMD-400-R
GMD-1.25-R
GMC-V (axial leads)
GMC
Specifications
Description:
Medium
time-delay fuse.
Dimensions:
5 x 20mm
(0.197” x 0.788”).
Construction:
Glass
tube, nickel-plated brass
endcaps.
Ratings:
Volts — 250Vac (63mA-3.15A)
— 125Vac (3.5-10A)
Amps — 63mA-10A
IR — 35A (63mA- 1A @ 250Vac,
p.f. = 0.7-0.8)
— 10kA (63mA-6A @ 125Vac, p.f.
= 0.7-0.8)
— 100A (1.25-3.15A @ 250Vac,
p.f. = 0.7-0.8)
— 200A (6.3-10A @ 125Vac, p.f.
= 1.0)
Agency Information:
CE, Std. 248-14,
UL Listed Guide JDYX, File E19180, 0-
6.3A, UL Recognized, Guide JDYX2,
File E19180, 7-8A, CSA Certified, Class
1422-01, File 65063, 0-6.3A.
Features and Benefits
• Conforming to UL standards.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
GMC-V-63-R
GMC-V-500-R
GMC-V-2.5
GMC-V-80-R
GMC-V-600-R
GMC-V-3.15
GMC-V-100-R
GMC-V-630-R
GMC-V-3.5
GMC-V-125-R
GMC-V-750-R
GMC-V-4
GMC-V-150-R
GMC-V-800-R
GMC-V-5
GMC-V-200-R
GMC-V-1-R
GMC-V-6
GMC-V-250-R
GMC-V-1.25-R
GMC-V-6.3
GMC-V-300-R
GMC-V-1.5-R
GMC-V-7
GMC-V-315-R
GMC-V-1.6-R
GMC-V-8
GMC-V-400-R
GMC-V-2-R
GMC-V-10
Without Axial Leads
GMC-63mA
GMC-500-R
GMC-2.5-R
GMC-80mA
GMC-600-R
GMC-3.15-R
GMC-100mA
GMC-630-R
GMC-3.5-R
GMC-125mA
GMC-750-R
GMC-4-R
GMC-150mA
GMC-800-R
GMC-5-R
GMC-200mA
GMC-1-R
GMC-6-R
GMC-250mA
GMC-1.25-R
GMC-6.3-R
GMC-300mA
GMC-1.5-R
GMC-7-R
GMC-315mA
GMC-1.6-R
GMC-8-R
GMC-400mA
GMC-2-R
GMC-10-R
GMA-V (axial leads)
GMA
Specifications
Description:
Fast-acting fuse.
Dimensions:
5 x 20mm
(0.197” x 0.788”).
Construction:
Glass tube,
nickel-plated brass endcaps.
Ratings:
Volts — 250Vac (63mA-2.5A)
— 125Vac (3.15-15A)
Amps — 63mA-15A
IR — 35A (63mA- 1A @ 250Vac,
p.f. = 0.7-0.8)
— 10kA (63mA-6A @ 125Vac,
p.f. = 0.7-0.8)
— 100A (1.25-2.5A @ 250Vac,
p.f. = 0.7-0.8)
— 200A (7-8A @ 125Vac, p.f. = 1.0)
— 150A (10-15A @ 125Vac,
p.f. = 1.0)
Agency Information:
CE, Std.
248-14 UL Listed Guide JDYX, File
E19180, 0-6A, UL Recognized, Guide
JDYX2, File E19180, 7-15A, CSA
Certified, Class 1422-01,
File E65063, 0-6.
Features and Benefits
• Fast-acting for maximum protection.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
GMA-V-63-R
GMA-V-800-R
GMA-V-4-R
GMA-V-100-R
GMA-V-1-R
GMA-V-5-R
GMA-V-125-R
GMA-V-1.25-R
GMA-V-6-R
GMA-V-200-R
GMA-V-1.5-R
GMA-V-7-R
GMA-V-250-R
GMA-V-1.6-R
GMA-V-8-R
GMA-V-300-R
GMA-V-2-R
GMA-V-10-R
GMA-V-500-R
GMA-V-2.5-R
GMA-V-15-R
GMA-V-600-R
GMA-V-3.15-R
GMA-V-750-R
GMA-V-3.5-R
Without Axial Leads
GMA-63-R
GMA-800-R
GMA-4-R
GMA-100-R
GMA-1-R
GMA-5-R
GMA-125-R
GMA-1.25-R
GMA-6-R
GMA-200-R
GMA-1.5-R
GMA-7-R
GMA-250-R
GMA-1.6-R
GMA-8-R
GMA-300-R
GMA-2-R
GMA-10-R
GMA-500-R
GMA-2.5-R
GMA-15-R
GMA-600-R
GMA-3.15-R
GMA-750-R
GMA-3.5-R
5 x 20mm North American (UL) ferrule fuses
Data Sheet:2019
Data Sheet: 2018
Data Sheet: 2017
GMC-10A
GMD


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com