Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  C515 Datasheet HTML 1Page - Cooper Bussmann, Inc. C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
55
Electronic — PCB & Small Dimension Fuses
5 x 20mm European (IEC) ferrule fuses
S500-V (GDB-V)* (axial leads)
S500 (GDB)*
Specifications
Description:
Fast-
acting, low-breaking
capacity fuse.
Construction:
Glass tube, nickel-
plated brass end-
caps.
Ratings:
Volts — 250Vac (or less)
Amps — 32mA-16A
IR — See catalog table
Agency Information:
CE, Designed to
IEC 60127-Sheet II British Standard
Approval SEMKO Approval VDE
Approval, IMQ UL Recognized, Guide
JDYX2, File E19180, 32mA-6.3A.
Features and Benefits
• Fast-acting for maximum protection,
conforms to IEC standards.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
Catalog
IR
Max Voltage
Numbers
(Amps)
I2t
Drop (mV)
S500-32-R
35
0.000047
3200
S500-40-R
35
0.00011
2500
S500-50-R
35
0.00020
2400
S500-63-R
35
0.00057
2000
S500-80-R
35
0.0012
1200
S500-100-R
35
0.003
1100
S500-125-R
35
0.005
1000
S500-160-R
35
0.008
2000
S500-200-R
35
0.016
1700
S500-250-R
35
0.028
1400
S500-315-R
35
0.058
1300
S500-400-R
35
0.018
1100
S500-500-R
35
0.018
220
S500-630-R
35
0.035
220
S500-800-R
35
0.067
140
S500-1-R
35
0.60
200
S500-1.25-R
35
0.84
200
S500-1.6-R
35
1.6
190
S500-2-R
35
4.2
150
S500-2.5-R
35
6.1
150
S500-3.15-R
35
13
130
S500-4-R
40
22
130
S500-5-R
50
42
120
S500-6.3-R
63
69
120
S500-8*-R
80
-
120
S500-10*-R
100
—-
120
*IEC Standard 127 Sheet II does not include ratings above 6.3A.
Options
Axial leads, put “V” in P/N,
*S500 Series is the new RoHS compliant version of
the GDB. Please contact Customer Satisfaction for
GDB ordering information.
**GDB series is not available in RoHS compliant
construction.
S506-V (GDC-V)* (axial leads)
S506 (GDC)*
Specifications
Description:
Time-
delay, low-breaking
capacity fuse.
Construction:
Glass tube, nickel-
plated brass end-
caps.
Ratings:
Volts — 250Vac (or less)
Amps — 32mA-15A**
IR — 35A @ 250Vac
Agency Information:
UR, CSA,
SEMKO, VDE, BSI, IMQ, PSE, CCC.
See data sheet for complete agency
information.
Features and Benefits
• Time-delay compatibility for inductive
circuits.
• Conforming to IEC standards.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
Catalog
Typical
Max Voltage
Numbers
I2t
Drop (mV)
S506-32-R
0.0051
1050
S506-40-R
0.0072
920
S506-50-R
0.0095
800
S506-63-R
0.021
760
S506-80-R
0.038
580
S506-100-R
0.045
490
S506-125-R
0.063
390
S506-160-R
0.093
320
S506-200-R
0.114
340
S506-250-R
0.265
270
S506-315-R
0.621
250
S506-400-R
0.872
210
S506-500-R
0.827
140
S506-630-R
1.33
150
S506-800-R
2.78
75
S506-1-R
6.45
87.5
S506-1.25-R
10.05
86
S506-1.6-R
21.7
82
S506-2-R
31.6
77
S506-2.5-R
59.4
72.5
S506-3.15-R
96.4
68.5
S506-4-R
71.8
67
S506-5-R
142.5
60.5
S506-6.3-R
237.6
54
S506-8-R
255.8
55
S506-10-R
450
54
S506-12.5-R
1019.5
45
S506-15-R
1091.7
65.5
Options
Axial leads, put “V” in P/N.
*GDC is not available above 6.3A.
**GDC series is not available in RoHS
compliant construction.
S501-V (GDA-V)* (axial leads)
S501 (GDA)*
Specifications
Description:
Fast-
acting, high-break-
ing capacity fuse.
Construction:
Ceramic tube, nick-
el-plated brass end-
caps.
Ratings:
Volts — 250Vac (or less)
Amps — 50mA-10A**
IR — 1500A @ 250Vac
Agency Information:
CE, UL
Recognized, SEMKO Approval,
VDE Approval.
See data sheet for complete agency
information.
Features and Benefits
• Fast-acting for maximum protection.
• High break capacity for use in higher
fault energy electronic circuitry.
• Conforming to IEC standards.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
Catalog
Typical Voltage
Numbers
I2t
Drop (mV)
S501-50-R
0.0017
9000
S501-63-R
0.0005
3300
S501-80-R
0.0011
2600
S501-100-R
0.0018
2300
S501-125-R
0.0037
1900
S501-160-R
0.008
1600
S501-200-R
0.020
1350
S501-250-R
0.027
1300
S501-315-R
0.010
1400
S501-400-R
0.018
1200
S501-500-R
0.038
1050
S501-630-R
0.064
1200
S501-800-R
0.097
490
S501-1-R
0.146
330
S501-1.25-R
0.313
297
S501-1.6-R
0.748
239
S501-2-R
2.0
205
S501-2.5-R
3.9
190
S501-3.15-R
8.1
160
S501-4-R
14
160
S501-5-R
25
155
S501-6.3-R
48
150
S501-8-R
N/A
N/A
S501-10-R
N/A
N/A
Options
Axial leads, put “V” in P/N.
*GDA series is not available in RoHS
compliant construction.
**GDA is not available above 6.3A.
Data Sheet: 2016 (GDC), 4332 (S506)
Data Sheet: 2015 (GDB)
Data Sheet: 2014


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com