Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  C515 Datasheet HTML 1Page - Cooper Bussmann, Inc. C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C517 (axial leads)
Specifications
Description:
Fast-acting
fuse.
Dimensions: 5 x 15mm
(0.197” X 0.591”).
Construction: Glass tube.
Ratings:
Volts — 350Vac*
Amps — 3A
IR — 100A @ 350Vac,
p.f. = 1.0
— 100A @ 250Vac, p.f. = 0.7-
0.8
— 10kA @ 125Vac, p.f. = 0.7-
0.8
*350Vac/100A is UL Recognized
Agency Information:
CE, UL Listing
File E19180, Guide JDYX CSA
Certification File LR65063, Class
1422-01 UL Recognized, File E19180,
Guide JDYX2.
• Small footprint saves space in equip-
ment.
• Fast-acting for maximum component
protection.
• 350Vac rating for 277V ballast circuit
protection.
Typical Applications
• Electronic Circuits
• Printed Circuit Boards
• Electronic Ballast Protection
Catalog Number (Amps)
With Axial Leads
C517-3
C518 (axial leads)
C520
Specifications
Description:
Fast-acting fuse.
Dimensions:
5 x 15mm
(0.197” X 0.591”).
Construction:
Glass tube.
Ratings:
Volts — 250Vac
Amps — 100mA-5A
IR — 35A (100mA-750mA @ 250V,
p.f. = 0.7-0.8)
— 10kA (100mA-5A @ 125V, p.f.
= 0.7-0.8)
— 100A (1-3.5A @ 250V, p.f. =
0.7-0.8)
— 200A (4-5A @ 250V, p.f. = 0.7-
0.8)
Agency Information:
CE, UL Listing
File E19180, Guide JDYX CSA
Certification File LR65063, Class
1422-01.
Features and Benefits
• Small footprint saves space in
equipment.
• Fast-acting for maximum component
protection.
• Available in clip mount and solder-in
configurations
Typical Applications
• Electronic Circuits
• Printed circuit Boards
Catalog Numbers (Amps)
With Axial Leads
C518-100-R
C518-750-R
C518-3-R
C518-125-R
C518-1-R
C518-3.5-R
C518-250-R
C518-1.5-R
C518-4-R
C518-375-R
C518-2-R
C518-5-R
C518-500-R
C518-2.5-R
Without Axial Leads
C520-100-R
C520-750-R
C520-3-R
C520-125-R
C520-1-R
C520-3.5-R
C520-250-R
C520-1.5-R
C520-4-R
C520-375-R
C520-2-R
C520-5-R
C520-500-R
C520-2.5-R
C515 (axial leads)
C519
Specifications
Description:
Time-delay fuse.
Dimensions:
5 x 15mm
(0.197” X 0.591”).
Construction:
Glass tube.
Ratings:
Volts — 125Vac
(3.5-7A)
— 250Vac (125mA-3A)
Amps — 125mA-7A
IR — 35A (125mA-1A @ 250Vac,
p.f. = 0.7-0.8)
— 10kA (125mA-3A @ 125Vac,
p.f. = 0.7-0.8)
— 25A (350mA @ 600V, p.f. =
0.7-0.8)
— 100A (1.25-3A @ 250Vac,
p.f. = 0.7-0.8)
— 400A (3.5-7A @ 125Vac, p.f.
= 1.0)
Agency Information:
CE, UL Listing
File E19180, Guide JDYX 125mA-
250mA and 375mA-3A CSA
Certification File LR65063, Class
1422-01, 125mA-250mA and 375mA-
3A, UL Recognized, File E19180,
Guide JDYX2, 350mA and 3.5A-7A.
Features and Benefits
• Time-delay for closer sizing on
inductive circuits.
Typical Application
• Electronic Circuits
• Printed Circuit Boards
Catalog Numbers (Amps)
With Axial Leads
C515-125-R
C515-750-R
C515-2.25-R
C515-250-R
C515-1-R
C515-3-R
C515-350-R
C515-1.25-R
C515-3.5-R
C515-375-R
C515-1.5-R
C515-4-R
C515-500-R
C515-1.6-R
C515-5-R
C515-600-R
C515-2-R
C515-7-R
Without Axial Leads
C519-125-R
C519-750-R
C519-2.25-R
C519-250-R
C519-1-R
C519-3-R
C519-350-R
C519-1.25-R
C519-3.5-R
C519-375-R
C519-1.5-R
C519-4-R
C519-500-R
C519-1.6-R
C519-5-R
C519-600-R
C519-2-R
C519-7-R
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
54
Electronic — PCB & Small Dimension Fuses
5 x 15mm ferrule fuses
Data Sheet: 2025
Data Sheet: 2026 (C518) & 2027 (C520)
Data Sheet: 2006 (C515) & 2007 (C519)


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com