Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. C515 Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
58
Electronic — PCB & Small Dimension Fuses
GBB-V (axial leads)
GBB
Specifications
Description:
Very
fast-acting fuse.
Dimensions:
1
4”x 114
(6.4 x 31.7mm).
Construction:
Ceramic cartridge with
nickel-plated brass
endcaps.
Ratings:
Volts — 250Vac/125Vdc
Amps — 1-30A
IR — 200A @ 250Vac
— 200A (20-30A @ 125Vac/dc)
— 10,000A (1A -15A @
125Vac/dc)
Agency Information:
CE, Std. 248-14, UL Recognized,
1-30,125Vdc/250Vac, File E56412,
Guide JFHR2, CSA Certified, 1-10,
125Vdc/250Vac, File 53787, Class
1422-01.
Features and Benefits
• Very fast-acting performance allows
protection of highly sensitive
electronic circuitry.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
GBB-V-1-R
GBB-V-6-R
GBB-V-15-R
GBB-V-1 14-R
GBB-V-7-R
GBB-V-20-R
GBB-V-2-R
GBB-V-8-R
GBB-V-25-R
GBB-V-3-R
GBB-V-9-R
GBB-V-30-R
GBB-V-4-R
GBB-V-10-R
GBB-V-5-R
GBB-V-12-R
Without Axial Leads
GBB-1-R
GBB-6-R
GBB-15-R
GBB-1 14-R
GBB-7-R
GBB-20-R
GBB-2-R
GBB-8-R
GBB-25-R
GBB-3-R
GBB-9-R
GBB-30-R
GBB-4-R
GBB-10-R
GBB-5-R
GBB-12-R
Data Sheet: 2013
ABC-V (axial leads)
ABC
Specifications
Description:
Fast-
acting fuse.
Dimensions:
1
4”x 114
(6.4 x 31.7mm).
Construction:
Ceramic tube with
nickel-plated brass
endcaps.
Ratings:
Volts — 250Vac/125Vdc (14-20A)
— 125Vac/125Vdc (25-30A)
Amps — 14-30A
IR** — 35A (14-1A @ 250Vac)
— 10kA (14-20A @ 250Vdc)
— 100A (112-3A @ 250Vac)
— 200A (4-10A @ 250Vac)
— 750A (15A @ 250Vac)
— 400A (20A @ 250Vac)
— 400A (25-30A @ 250Vdc)
— 1kA (25-30A @ 125Vac)
**Interrupting ratings were measured at 70% – 80% power fac-
tor on AC, and at a time constant described in UL 248.
Agency Information:
CE, Std. 248-14
UL Listed, Guide JDYX File E19180,
0-15A UL Recognized, Guide JDYX2,
File E19180, 20-25A CSA Certification,
Class 1422-01, File 53787, 0-15A, Class
1422-30, File 53787, 20-25A.
Features and Benefits
• Ceramic body allows for higher amp/volt
rating combinations.
• Consolidate inventory by replacing AGC
fuses for reduced SKU investment and
minimizing potential for misapplying fuse.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
ABC-V-14
ABC-V-2 12
ABC-V-8
ABC-V-
12
ABC-V-3
ABC-V-10
ABC-V-
34
ABC-V-4
ABC-V-15
ABC-V-1
ABC-V-5
ABC-V-20
ABC-V-1 12
ABC-V-6
ABC-V-25
ABC-V-2
ABC-V-7
ABC-V-30
Without Axial Leads
ABC-14
ABC-2 12
ABC-8
ABC-12
ABC-3
ABC-10
ABC-34
ABC-4
ABC-15
ABC-1
ABC-5
ABC-20
ABC-1 12
ABC-6
ABC-25
ABC-2
ABC-7
ABC-30
AGC-V (axial leads)
AGC
Specifications
Description:
Fast-act-
ing fuse.
Dimensions: 1
4”x 114
(6.4 x 31.7mm).
Construction: Glass
tube with nickel-plated
brass endcaps.
Ratings:
Volts — 250Vac (120-10A)
— 32Vac (11-45A)
Amps — 120-30A
IR* — 35A (120-1A @ 250Vac)
— 100A (114-3A @ 250Vac)
— 200A (4-10A @ 250Vac)
— 1000A (15-30A @ 32Vac)
*Interrupting ratings were measured at 70% – 80% power
factor on AC, and at a time constant described in UL 248.
Agency Information:
CE, Std.
248-14, UL Listed, Guide JDYX, File
E19180, 0-10A UL Recognized, Guide
JDYX2, File E19180, 15-30A CSA
Certification, Class 1422-01, File
53787.
Features and Benefits
• Original electronic glass tube fuse.
• Fast-acting for maximum protection.
• Wide amp/volt ratings allow versatility
of protecting electronic circuits.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
AGC-V-120
AGC-V-12
AGC-V-5
AGC-V-116
AGC-V-34
AGC-V-6
AGC-V-110
AGC-V-1
AGC-V-7
AGC-V-18
AGC-V-1 14
AGC-V-8
AGC-V-316
AGC-V-1 12
AGC-V-9
AGC-V-210
AGC-V-2
AGC-V-10
AGC-V-14
AGC-V-2 14
AGC-V-15
AGC-V-310
AGC-V-2 12
AGC-V-20
AGC-V-38
AGC-V-3
AGC-V-25
AGC-V-45100
AGC-V-4
AGC-V-30
Without Axial Leads
AGC-120
AGC-12
AGC-5
AGC-116
AGC-34
AGC-6
AGC-110
AGC-1
AGC-7
AGC-18
AGC-1 14
AGC-8
AGC-316
AGC-1 12
AGC-9
AGC-210
AGC-2
AGC-10
AGC-14
AGC-2 14
AGC-15
AGC-310
AGC-2 12
AGC-20
AGC-38
AGC-3
AGC-25
AGC-45100
AGC-4
AGC-30
14˝ Dia. x 114˝ length fast-acting ferrule fuses
Data Sheet: 2000
Data Sheet: 2001


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com