Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  C515 Datasheet HTML 1Page - Cooper Bussmann, Inc. C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
57
Electronic — PCB & Small Dimension Fuses
14” Dia. x 58” to 1” length ferrule fuses
AGX-V (axial leads)
AGX
Specifications
Description:
Fast-
acting fuse.
Dimensions: 1
4”x 1”
(6.4 x 25.4mm).
Construction:
Glass
tube.
Ratings:
Volts — 250Vac (1200-2A)
— 125Vac (212-7A)
— 32V (8-30A)
Amps — 1200-30A
IR — 35A (1200-2A @ 250Vac)
— 10,000A (212-7A @ 125Vac)
— 1000A (8-30A @ 32V)
Agency Information:
CE, Std. 248-14,
UL File E19180 UL Listed, Guide JDYX,
0-5A UL Recognized, Guide JDYX2,
6-20A CSA File 47233; Class 1422-01,
0-5A.
Features and Benefits
• Size rejects insertion of other fuse types.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads**
AGX-V-1200
AGX-V-38
AGX-V-4
AGX-V-1100
AGX-V-410
AGX-V-5
AGX-V-132
AGX-V-12
AGX-V-6
AGX-V-116
AGX-V-34
AGX-V-7
AGX-V-110
AGX-V-1
AGX-V-8
AGX-V-18
AGX-V-1 14
AGX-V-10
AGX-V-316
AGX-V-1 12
AGX-V-15
AGX-V-210
AGX-V-2
AGX-V-20
AGX-V-14
AGX-V-2 12
AGX-V-25
AGX-V-310
AGX-V-3
AGX-V-30
Without Axial Leads
AGX-1200
AGX-38
AGX-4
AGX-1100
AGX-410
AGX-5
AGX-132
AGX-12
AGX-6
AGX-116
AGX-34
AGX-7
AGX-110
AGX-1
AGX-8
AGX-18
AGX-1 14
AGX-10
AGX-316
AGX-1 12
AGX-15
AGX-210
AGX-2
AGX-20
AGX-14
AGX-2 12
AGX-25
AGX-310
AGX-3
AGX-30
**AGX-V is UL Recognized from 6-20A @ 32Vac
AGA-V (axial leads)
AGA
Specifications
Description:
Fast-
acting fuse.
Dimensions:
1
4”x 58
(6.4 x 15.9mm).
Construction:
Glass tube.
Ratings:
Volts — 125Vac (or less)
Amps — 116-30A
IR — 10,000 (116-112A @ 125Vac)
— 200A (2-5A @ 125Vac)
— 1000A (6-30A @ 32Vac)
Agency Information:
CE, Std. 248-
14, UL File E19180, UL Listed, Guide
JDYX 0-112A UL Recognized, Guide
JDYX2 2-12A.
Features and Benefits
• Fast-acting for maximum protection.
• Size rejects insertion of other fuse
types.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads*
AGA-V-116
AGA-V-1
AGA-V-7 12
AGA-V-110
AGA-V-1 12
AGA-V-10
AGA-V-18
AGA-V-2
AGA-V-15
AGA-V-14
AGA-V-2 12
AGA-V-20
AGA-V-38
AGA-V-3
AGA-V-25
AGA-V-12
AGA-V-5
AGA-V-30
AGA-V-610
AGA-V-6
AGA-V-34
AGA-V-7
Without Axial Leads
AGA-116
AGA-1
AGA-7 12
AGA-110
AGA-1 12
AGA-10
AGA-18
AGA-2
AGA-15
AGA-14
AGA-2 12
AGA-20
AGA-38
AGA-3
AGA-25
AGA-12
AGA-5
AGA-30
AGA-610
AGA-6
AGA-34
AGA-7
*AGA-V is UL Listed 0-5A, UL Recognized 6-12A.
AGW
Specifications
Description:
Fast-acting
fuse.
Dimensions: 1
4”x 78
(6.4 x 22.2mm).
Construction:
Glass
tube.
Ratings:
Volts — 32Vac
Amps — 1-30A
IR — 100A
Features and Benefits
• Fast-acting for maximum protection.
• Size rejects insertion of other fuse
types.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
AGW-1
AGW-4
AGW-15
AGW-1 12
AGW-5
AGW-20
AGW-2
AGW-6
AGW-25
AGW-2 12
AGW-7 12
AGW-30
AGW-3
AGW-10
Data Sheet: 2040
Data Sheet: 2039
Data Sheet: 2041


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com