Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26120C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # 26120C
Description  Bobbin Wound Surface Mount Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

26120C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  26120C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 26120C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 26120C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 26120C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_2600C_B02 Page 3 of 4
2600 Series
Bobbin Wound Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
TAPE & REEL SPECIFICATIONS
TAPE OUTLINE DIMENSIONS - UNSHIELDED PARTS
TAPE OUTLINE DIMENSIONS - SHIELDED PARTS
Reel quantity: 500
Unless otherwise stated all dimensions are in mm (inches) ±0.1 (0.004).
Reel quantity: 500
Unless otherwise stated all dimensions are in mm (inches) ±0.1 (0.004).


Similar Part No. - 26120C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
26120C MURATA-PS-26120C Datasheet
153Kb / 4P
Bobbin Wound Surface Mount Inductors
More results

Similar Description - 26120C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
Bobbin Wound Surface Mount Inductors
2400 CANDD-2400 Datasheet
100Kb / 2P
Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com