Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S/D-W2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B1203S/D-W2
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S/D-W2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B1203S/D-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S/D-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S/D-W2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
B_S(D)-W2
A/4-2009
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
3
2
4
BS W2
_-
Vin
GND
+Vo
L=530mm[20.866inch]
: 43pcs(B_S-W2) 40pcs(B_D-W2)
L=220mm[8.661inch]
: 17pcs(B_S-W2) 16pcs(B_D-W2)
Tube Quantity
Tube Quantity
∅∅
1.00 [
0.039]
1
7
5
4
1
2
34
11.60[0.461]
0.50[0.020]
0.90[0.035]
4.10[0.161]
7.62[0.300]
1.90[0.075]
7.62[0.300]
2.54[0.100]
9.40[0.370]
0.60[0.024]
4.70[0.185]
12.70[0.500]
7.62[0.300]
5.08[0.200]
∅∅
1.00 [
0.039]
0.50[0.020]
BS W2 Series
_ -
B D W2
_ -
Series
2.54[0.100]
∅∅
1.00 [
0.039]
75
1
4
1
2
34
B S W2
_ -
Series
B D W2
_ -
Series
0.60[0.024]
11.70[0.461]
5.30[0.209]
B D W2
_ -
Series
0V
1
5
4
7
B D W2
_-
Vin
GND
+Vo
0V
B S W2
_ -
Series
Pin
FOOTPRINT DE TAILS
Note:
Unit: mm[inch]
Pin se ctio n tole ra nces:
±0.10mm[±0.004inch]
Gen eral to leran ces:
±0.25mm[±0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE DUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
(Sid e View)
(B otto m View)
Pin
FOOTPRINT DETAILS
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate standards.
4. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - B1203S/D-W2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S/D-W2 MORNSUN-B1203S/D-W2 Datasheet
287Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - B1203S/D-W2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com