Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B502-N Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # B502-N
Description  BLOCK TYPE AUTOMOTIVE PECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

B502-N Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  B502-N Datasheet HTML 1Page - MIC GROUP RECTIFIERS B502-N Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLOCK TYPE AUTOMOTIVE PECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
200 to 400 Volts
B502 THRU B504
CURRENT
50.0 Amperes
RATINGS AND CHARACTERISTIC CURVES B502 THRU B504
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
AMBIENT TEMPERATURE, ()
125
100
150
175
75
50
25
0
0
20
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
100
400
200
80
40
30
10
300
600
500
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
1000
100
10
1.0
0.1
1.4
1.6
2.0
1.8
1.0
1.2
0.8
0.6
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0
0
SQUARE WAVE
DC
20
AVERAGE FORWARD CURRENT, (A)
F1G.4 FORWARD ROWER DISSIPATION
50
80
50
20
30
40
50
60


Similar Part No. - B502-N

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
B5020 MECHATRONICS-B5020 Datasheet
485Kb / 1P
UL94V-0 PBT impeller and frame
logo
List of Unclassifed Man...
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
logo
Mechatronics, Inc.
B5020L MECHATRONICS-B5020L Datasheet
485Kb / 1P
UL94V-0 PBT impeller and frame
logo
EPCOS
B5025 EPCOS-B5025 Datasheet
73Kb / 6P
SAW Components Low-Loss Filter 374,0 MHz
B5026 EPCOS-B5026 Datasheet
69Kb / 7P
SAW Components Low-Loss Filter 190.00 MHz
More results

Similar Description - B502-N

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B302 MIC-B302 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B402 MIC-B402 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
GOOD-ARK Electronics
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
Block Type Automotive Rectifier
GB302 GOOD-ARK-GB302 Datasheet
115Kb / 2P
Block Type Automotive Rectifier
GBA35L GOOD-ARK-GBA35L Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA35M GOOD-ARK-GBA35M Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA50 GOOD-ARK-GBA50 Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
logo
MIC GROUP RECTIFIERS
BA40Z MIC-BA40Z Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA50M MIC-BA50M Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA40L MIC-BA40L Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com