Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1A-T1A Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # CC1A-T1A
Description  AT Crystal 8 MHz - 30 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC1A-T1A Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  CC1A-T1A Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC1A-T1A Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 4.1/07.2007
Micro Crystal
Div. of ETA SA
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.ch
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max.
Dev.
Storage temp. range
–55 to +125°C
Industrial operating temp. range
–40 to +85°C
Extended operating temp. range
–55 to +125°C
Shock resistance
Δ
F/F 5000 g, 0.3 ms, ½ sine +/-5 ppm
Vibration resistance
Δ
F/F
20 g / 10–2000 Hz
+/-5 ppm
TERMINATIONS AND
PROCESSING:
Type
Termination
Processing
CC1A-T1A
For SMD mounting
Au flashed pads
Reflow soldering
260°C / 20 s max.
CC1A-T3A
For SMD mounting
Sn/Ag/Cu plated
Reflow soldering
260°C / 20 s max.
PART NUMBER/
ORDERING INFORMATION
EXAMPLE:
Frequency
tolerance
Load capacitance CL
Frequency FL
Package pad form
A
= Pads on both ends
Pad plating
1
= Au flashed pads
3
= Sn/Ag/Cu plated
Package type
T
= For SMD mounting
C C 1 A - T 1 A
24.000 MHz 20.0 pF +/-50 ppm
All specifications subject to change without notice.
07.07
Crystal package
C
= Crystal in ceramic
package
Package lid
C
= Ceramic lid
Package size
1
= 8.0 x 3.7 x 1.75 mm
Blank
A
= AT
Frequency
MHz
8.0000
10.0000
10.1506
11.0592
12.0000
14.3181
16.0000
16.3840
20.0000
24.0000
Other frequencies between
8 MHz and 30 MHz on request
STANDARD FREQUENCIES:
Cc1a-t1a.indd 2
04.07.2007 15:05:02


Similar Part No. - CC1A-T1A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC1A-T1A GOLLEDGE-CC1A-T1A Datasheet
54Kb / 1P
SM Crystal Mil Temp
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1A MICROCRYSTAL-CC1A-T1A Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
logo
Golledge Electronics Lt...
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
782Kb / 2P
AT Crystal 8 MHz ??24 MHz
More results

Similar Description - CC1A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC7A-T1A MICROCRYSTAL-CC7A-T1A Datasheet
243Kb / 2P
AT Crystal 24 MHz - 30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
AT Crystal 14 MHz - 40 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC1A-T1A MICROCRYSTAL-CC1A-T1A_17 Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH_17 Datasheet
782Kb / 2P
AT Crystal 8 MHz ??24 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com