Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSX-4025 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # TSX-4025
Description  MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

TSX-4025 Datasheet(HTML) 1 Page - Epson ToYoCom

  TSX-4025 Datasheet HTML 1Page - Epson ToYoCom TSX-4025 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Specification
Item
Symbol
TSX-4025
TSX-5032
Remarks
Nominal frequency range
f_nom
12.000 MHz to 32.000 MHz
10.000 MHz to 32.000 MHz Fundamental
Storage temperature range
T_stg
-40
°C to +125 °C
Store as bare product
after unpacking.
Operating temperature range
T_use
-20
°C to +75 °C
Level of drive
DL
100
µW Max.
Frequency tolerance
(standard)
f_tol
±10 × 10
-6
+25
°C
Frequency versus temperature
characteristics (standard)
f_tem
±10 × 10
-6
-20
°C to +75 °C
Load capacitance
CL
9 pF to
∞ (standard: 9 pF, 12 pF, 16 pF, ∞)
Please specify.
Motional resistance (ESR)
R1
As per below table
-20
°C to +75 °C
Frequency aging
f_age
±1 × 10
-6 / year Max.
+25
°C, First year
Motional resistance (ESR)
Frequency
TSX-4025
TSX-5032
10.0 MHz
≤ f_nom < 12.0 MHz
12.0 MHz
≤ f_nom < 13.0 MHz
60 Ω Max.
60 Ω Max.
13.0 MHz
≤ f_nom < 17.0 MHz
60 Ω Max.
17.0 MHz
≤ f_nom ≤ 32.0 MHz
40 Ω Max.
40 Ω Max.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
MHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
TSX - 4025 / TSX - 5032
•Frequency range
:
12 MHz to 32 MHz / 10 MHz to 32 MHz
•Thickness
:
0.7 mm Max. (TSX-4025)
0.8 mm Max. (TSX-5032)
•Overtone order
:
Fundamental
•Applications
:
Mobile phone, Bluetooth, W-LAN
:
ISM band radio, Clock for MPU
TSX-5032
TSX-4025
3.0
1.4
1.15
1.6
1.2
4.0
2.4
1.8
TSX-4025
TSX-5032
4.0±0.15
Marking
2.0
#1
#4
#2
#3
0.9
C 0.3 Min.
T S X-402 5
5.0±0.15
C 0 .3 M in .
#1
#4
#2
#3
2.4
1.2
T SX-50 32
#1
#4
#2
#3
#1
#4
#2
#3
Marking
#1
#4
#2
#3
In ternal Con necti on
(T OP VIEW )
#2 and #4 are c onnected to the cover.
(Please c onnect to ground)
#1
#4
#2
#3
Inter nal C onn ec tion
(TO P VIEW )
#2 and #4 are c onnected to the cover.
(Pleas e c onnect to ground)
Product Number (please contact us)
TSX-4025 : X1E000041xxxx00
TSX-5032 : X1E000061xxxx00


Similar Part No. - TSX-4025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSX-4025 ETC2-TSX-4025 Datasheet
25Kb / 1P
   Available to Surface Mount Technology and IR-reflow process
More results

Similar Description - TSX-4025

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-365 EPSONTOYOCOM-FA-365 Datasheet
300Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-306 EPSONTOYOCOM-MA-306 Datasheet
329Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
MA-406 EPSONTOYOCOM-MA-406 Datasheet
379Kb / 2P
   MHz RANGE CRYSTAL UNIT SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com