Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC351DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC351DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC351DB Datasheet(HTML) 4 Page - Texas Instruments

  CDC351DB Datasheet HTML 1Page - Texas Instruments CDC351DB Datasheet HTML 2Page - Texas Instruments CDC351DB Datasheet HTML 3Page - Texas Instruments CDC351DB Datasheet HTML 4Page - Texas Instruments CDC351DB Datasheet HTML 5Page - Texas Instruments CDC351DB Datasheet HTML 6Page - Texas Instruments CDC351DB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDC351
1-LINE TO 10-LINE CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS441C – FEBUARY 1994 – REVISED NOVEMBER 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, CL = 50 pF (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V,
TA = 25°C
VCC = 3 V to 3.6 V,
TA = 0°C to 70°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
3.2
3.7
4.2
ns
tPHL
A
Y
3
3.5
4
ns
tPZH
OE
Y
1.8
3.8
5.5
1.3
5.9
ns
tPZL
OE
Y
1.8
3.8
5.5
1.3
5.9
ns
tPHZ
OE
Y
1.8
3.9
5.9
1.7
6.3
ns
tPLZ
OE
Y
1.8
4.2
5.9
1.7
6.4
ns
tsk(o)
A
Y
0.3
0.5
0.5
ns
tsk(p)
A
Y
0.2
0.8
0.8
ns
tsk(pr)
A
Y
1
1
ns
tr
A
Y
1.5
ns
tf
A
Y
1.5
ns
switching characteristics temperature and VCC coefficients over recommended operating free-air
temperature and VCC range (see Note 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
∝tPLH(T)
Average temperature coefficient of low to high
propagation delay
A
Y
65†
ps/10
°C
∝tPHL(T)
Average temperature coefficient of high to low
propagation delay
A
Y
45†
ps/10
°C
∝tPLH(VCC)
Average VCC coefficient of low to high propagation
delay
A
Y
–140‡
ps/
100 mV
∝tPHL(VCC)
Average VCC coefficient of high to low propagation
delay
A
Y
–120‡
ps/
100 mV
∝tPLH(T) and ∝tPHL(T) are virtually independent of VCC.
∝tPLH(VCC) and ∝tPHL(VCC) are virtually independent of temperature.
NOTE 4: These data were extracted from characterization material and are not tested at the factory.


Similar Part No. - CDC351DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC351DB TI-CDC351DB Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBG4 TI-CDC351DBG4 Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBLE TI-CDC351DBLE Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBRG4 TI-CDC351DBRG4 Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC351DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com