Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRH2812S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MRH2812S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MRH2812S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MRH2812S Datasheet HTML 1Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MRH
28 12 T
F / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual, T = triple)
(Aux. Vout for triple models)
(Standard screening has no designator
in this position.)
B4-22
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 5
FIGURE 7
85
0.1
1
10
100
80
75
70
65
60
55
45
40
35
50
Audio Rejection, MRH Series
Frequency (kHz)
–9
09
–8
–7
–6
–5
–4
–3
–2
–1
0
12345678
Main Output Power (Watts)
MRH2815T Aux. Reg. vs. Main Load
Output Power (Watts)
MRH2805S Efficiency
40
90
80
70
60
50
415
16V
28V
40V
6
8
10
12
14
FIGURE 2
40
90
80
70
60
50
415
6
8
10
12
14
28V
36V
16V
Output Power (Watts)
MRH2815D Efficiency
FIGURE 3
–10
10
6
2
–2
–6
8
4
0
–4
–8
MRH2815D Neg. Output Cross Reg.
0
3
6
9
12
15
Pos. Output Power (Watts)
15
12
9
6
3
0
Neg. Output Power (Watts)
FIGURE 6
FIGURE 4
56
515
58
60
62
64
66
68
70
72
74
36
28
16
6
8
10
12
14
Output Power (Watts)
MRH2815T Efficiency
5
4
3
2
1
0
-1
-2
-3
-4
-5
+AUX
–AUX
MRH2815T Aux. Output with Unbalanced Loads
0
1
234
5
6
Pos. Aux. Output Power (Watts)
6
5
432
1
0
Neg. Aux. Output Power (Watts)
FIGURE 8
12.0
15
2
12.5
13.0
13.5
14.0
14.5
15.0
4
6
8
10
12
14
15.5
Output Power (Watts)
50 mV Drop
MRH2805S Low Line Dropout
FIGURE 9
FIGURE 10
14
13
12
11
13
5
7
9
11
13 15
15
Output Power (Watts)
MRH2815T Low Line Dropout
MRH SERIES
15 WATT
MODEL
NUMBERING
KEY
23821-001-DTS Rev A
DQ# 1020
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MRH Series is a trademark of Interpoint.
Copyright © 1994 - 1999 Interpoint. All rights reserved.


Similar Part No. - MRH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MRH2812SF/ES INTERPOINT-MRH2812SF/ES Datasheet
135Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MRH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com