Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRH2812S Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MRH2812S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MRH2812S Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MRH2812S Datasheet HTML 1Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MRH2812S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
B4-19
FEATURES
• –55°C to +85°C operation
• 19 to 36 VDC input or
16 to 36 VDC input typical
• Fully isolated
• Magnetic feedback
• Fixed frequency, 375 kHz typical
• Topology – Single Ended Forward
• 50 V for 50 ms transient protection
• Inhibit function
• Output trim
• Indefinite short circuit protection
• Radiation hardened to
1013 neutrons/sq cm neutron fluence
1011 rads(Si)/sec dose rate
105 rads(Si) total dose
• Meets MIL-STD-704E emergency
operation and transient standards
DESCRIPTION
The MRH Series™ of DC/DC converters offers up to 15 watts of
power in a radiation hardened design. The low profile MRH
converters are manufactured in Interpoint’s fully certified and quali-
fied MIL-STD-1772 production facility and packaged in hermetically
sealed steel cases. They are ideal for use in programs requiring
high reliability, small size, and high levels of radiation hardening.
The MRH converters are switching regulators which use a quasi-
square wave, single ended forward converter design with a nominal
switching frequency of 375 kHz, typical. Close regulation (main
output line regulation is 0.05%) is maintained with advanced
constant frequency pulse width modulation design techniques.
With a 16 to 36 VDC input range and triple outputs of +5 VDC and
either ±12 or ±15 VDC, MRH converters are suitable for a wide
range of airborne, naval, and ground based applications.
The
MRH’s feed-forward compensation topology provides high levels
(50 dB nominal) of input-to-output ripple rejection.
The MRH converters provide full power operation from –55°C to
+85°C with derated operation to +125°C. Flanged and non-flanged
package configurations are available with optional environmental
screening.
INHIBIT FUNCTION
The MRH Series incorporates an inhibit terminal that can be used
to disable internal switching. The converter is inhibited when a logic
low (
≤ 0.8 V) signal is applied to the TTL open collector compatible
inhibit pin. In the inhibit mode the inhibit pin current requirement is
less than –2 mA. The converter resumes normal operation when a
logic high (
≥ 2.4 V) signal or open circuit is applied to the inhibit pin.
The open circuit voltage of the inhibit is 5 to 6 volts.
OUTPUT VOLTAGE TRIM
The output voltage on single output models can be trimmed upward
by as much as 5% of nominal by connecting a resistor between pin
3 and 4.
RADIATION HARDENED
The MRH DC/DC converters are designed to provide continuous
normal operation through radiation levels associated with proximity
to thermonuclear events. The converters will operate normally in
environments with up to 1013 neutrons per square centimeter
neutron fluence, 1011 rads (Si) per second dose rate, and 105 rads
(Si) total dose. These levels of radiation tolerance make the MRH
converters suitable for electronics in tactical programs where oper-
ation in high radiation environments is required.
At the highest dose rating (1011 rads (Si)/sec dose rate) there will
be an upset resulting in a dip in the voltage. This is non-destructive
to the unit. The converter will operate through the upset.
DC/DC CONVERTERS
28 VOLT INPUT
MRH SERIES
15 WATT
MODELS
VDC OUTPUT
SINGLE
5
12
15
DUAL
±12
±15
TRIPLE
+5 & ±12
+5 & ±15
Size (max.): Non-flanged, case F3
1.950 x 1.350 x 0.455 inches (49.53 x 34.29 x 11.56 mm)
Flanged, case J3
2.720 x 1.350 x 0.455 inches (69.09 x 34.29 x 11.56 mm)
See Section B8, cases F3 and J3, for dimensions.
Weight:
50 grams typical
Screening:
Standard or ES. See Section C2 for screening options and Section
A5 for ordering information.


Similar Part No. - MRH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MRH2812SF/ES INTERPOINT-MRH2812SF/ES Datasheet
135Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MRH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com