Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFW28512S Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MFW28512S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFW28512S Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MFW28512S Datasheet HTML 1Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 2Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 3Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 4Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 5Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 6Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 7Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 8Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B4-5
MFW SERIES
70 WATT
DC/DC CONVERTERS
DUAL AND TRIPLE OUTPUTS
MFW2812D
MFW2815D
MFW28512T
MFW28515T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
FULL
MAIN
4.95
5.05
5.10
4.90
4.95
5.05
VOLTAGE
LOAD
DUAL
±11.88 ±12.00 ±12.12
±14.85 ±15.00 ±15.15 ±11.65
±11.80 ±12.05 ±15.05 ±15.30 ±15.55
VDC
OUTPUT
VIN =
MAIN
4.0
10.0
4.0
10.0
A
CURRENT1, 2
19 TO 40
DUAL
2.92
5.5
2.33
4.4
1.67
4.2
1.33
3.33
OUTPUT
MAIN
20
50
20
50
POWER1, 2
±DUAL
35
66.5
35
66.5
20
50
20
50
W
TOTAL
70
—70—
—60—
—60
OUTPUT
FULL LOAD
MAIN
——
———
50
85
50
85
mV p-p
RIPPLE
BW
≤ 2 MHz
DUAL
30
50
30
50
50
85
50
85
LINE
VIN =
MAIN
2
20
2
20
mV
REGULATION 19 TO 40
DUAL
10
25
10
25
100
200
100
200
LOAD3
NO LOAD
MAIN
5
20
5
20
mV
REGULATION TO FULL
DUAL
25
50
25
50
480
600
300
450
CROSS4
DUAL
REGULATION +PO = 3 W TO 35 W
–PO = 35 W
1.5
3.0
1.5
3.0
+PO = 20 W TO 50 W
%
–PO = 50 W TO 20 W
2.0
4.0
2.0
3.5
CROSS5
MAIN
+PO = 33 W
REGULATION DUAL
+PO = 3 W TO 27 W
2.3
6.0
2.3
5.0
–PO = 27 W TO 3 W
MAIN
%
+PO = 3 W TO 30 W
DUAL ±PO = 15 W
5.4
9.0
5.0
7.0
INPUT
VOLTAGE
19
28
40
19
28
40
19
28
40
19
28
40
VDC
INPUT
NO LOAD
75
90
75
90
60
110
60
110
mA
CURRENT
INHIBITED
30
35
30
35
30
35
30
35
INPUT REFL.
FULL LOAD
15
40
15
40
15
40
15
40
mA p-p
RIPPLE
BW
≤10 MHz
EFFICIENCY
80
83
80
83
80
84
80
84
%
STARTUP
15
25
15
25
6
10
6
10
ms
DELAY
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. On dual output models the maximum combined output power is 70 watts.
A maximum of 95% (66.5 W) is available from any single output.
2. On triple output models the maximum combined output power is 60 watts.
A maximum of 50 watts is available from a single output.
3. Balanced loads.
4. Regulation effect on the negative dual output during the defined conditions.
5. Regulation effect on both dual outputs during the defined conditions.


Similar Part No. - MFW28512S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFW28512T INTERPOINT-MFW28512T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512T/ES INTERPOINT-MFW28512T/ES Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MFW28512S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com