Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFW28512S Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MFW28512S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFW28512S Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MFW28512S Datasheet HTML 1Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 2Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 3Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 4Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 5Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 6Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 7Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 8Page - Crane Aerospace & Electronics. MFW28512S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
B4-3
MFW SERIES
70 WATTS
MODELS
VDC OUTPUT
SINGLE
5
12
15
DUAL
±12
±15
TRIPLE
+5 & ±12
+5 & ±15
DC/DC CONVERTERS
28 VOLT INPUT
Size (max.): 3.20 x 2.46 x 0.595 inches (81.3 x 62.5 x 15.11 mm)
See Section B8, case L, for dimensions.
Weight:
140 grams typical
Screening:
Standard or ES.See Section C2 for screening
options, see Section A5 for ordering information.
DESCRIPTION
The MFW Series™ of DC/DC converters offers up to 70 watts of
power from single, dual, or triple outputs in one package. Using
hybrid thick film technology a power density of over 20 watts per
cubic inch is achieved. These devices are packaged in hermetically
sealed cold rolled steel enclosures with a tin plate finish making
them ideal for use in military, aerospace, or other high reliability
applications. Unscreened models are guaranteed to pass a gross
leak test (maximum leak rate of 0.001 atm-cc/sec). Environmentally
screened units (designated by the /ES suffix) are hermetically solder
sealed. See Section C2 for screening specifications.
DESIGN METHODOLOGY
The MFW Series converters utilize a quasi-square wave forward
converter design with a nominal switching frequency of 245 kHz.
Isolation between input and output is provided with a transformer in
the forward power loop and a wideband, temperature insensitive
optical link in the feedback control loop. Output regulation is accom-
plished with constant frequency pulse width modulation. In addition,
the load regulation of the single output models is further enhanced
through the use of remote output voltage sense pins to overcome
the adverse effects of line resistance voltage drops. Short circuit
protection is provided by detecting peak primary switching current
on a cycle by cycle basis and limiting it to approximately 130% of the
full load input current. This method results in quick and positive
current limiting under short circuit conditions.
LOW NOISE
The MFW Series converters offer low noise on both the input and
output lines. A two section, four pole LC input filter is included to
provide very low reflected line ripple current. Adherence to MIL-
STD-461C (CE03) is possible with the addition of the FMB-461 filter.
Output ripple is maintained at less than 50 mV p-p for single and
dual output models and 85 mV for triple output models.
WIDE VOLTAGE RANGE
All models of the MFW Series are designed to provide full power
operation over an input voltage range of 19 to 40 VDC. Operation
below an input of 19 volts, including operation in MIL-STD-704E
emergency power conditions, is possible with derated output power.
Please refer to the derating information and the low voltage drop-out
graphs (Figures 10 and 11) on the following pages.
WIDE TEMPERATURE RANGE
Full load operation of any of the MFW Series converters is available
at case temperatures of –55°C to + 85°C. Operation up to +125°C
is possible with derated output power. The MFW Series converters
are provided in a flange mount case designed to facilitate the
removal of internally generated heat. Because of this, heat sinking
requirements are minimal. Sustained full power operation does
however require that an efficient heat sink be attached to the base-
plate. Please refer to the heat sink requirements section for more
information.
INHIBIT/SYNC FEATURE
Standard on all models of the MFW Series is a dual mode
inhibit/sync pin. This pin serves as both an output inhibit and as a
synchronization input. In the inhibit mode an open collector TTL
compatible low (<0.8 V) will disable internal switching thereby
inhibiting the unit's output. Inhibiting in this manner results in an
extremely low quiescent current. Since a pull-up resistor is included
internally, this pin may be left open should the inhibit function not be
desired.
In a digital system it is often desirable to synchronize the input or
output ripple with the system clock. For this reason each model of
the MFW Series was designed to synchronize with a system clock
applied to the inhibit/sync pin. Please refer to the technical data
section for timing details for the external sync feature.
FEATURES
• –55°C to + 85°C operation
• 19 to 40 VDC input
• Fully Isolated
• Optocoupler feedback
• Fixed frequency, 245 kHz typical
• Topology – Push-Pull Forward
• 50 V for up to 50 ms transient protection
• Inhibit/sync function
• Indefinite short circuit protection
• Remote sense on single models
• Up to 84% efficiency


Similar Part No. - MFW28512S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFW28512T INTERPOINT-MFW28512T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512T/ES INTERPOINT-MFW28512T/ES Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MFW28512S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com