Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR301-285 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # HR301-285
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR301-285 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  HR301-285 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 6Page - Crane Aerospace & Electronics. HR301-285 Datasheet HTML 7Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B4-42
HR300 SERIES
30 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc
FIGURE 5
FIGURE 7
Output Power (Watts)
HR302-2815 Efficiency
72
84
82
80
76
74
15
510
78
86
18 V
36 V
20
25
30
68
70
88
28 V
Output Power (Watts)
HR302-2812 and HR302-2815
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
HR302-2815
HR302-2812
Output Power (Watts)
HR301-2805 Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
19 V
36 V
20
25
30
68
70
88
FIGURE 2
Output Power (Watts)
HR301-2812 Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
18 V
36 V
20
25
30
68
70
88
FIGURE 3
Output Power (Watts)
HR301-2812 and HR301-2815
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
HR301-2815
HR301-2812
FIGURE 6
FIGURE 4
Output Power (Watts)
HR302-2812 Efficiency
72
84
82
80
76
74
15
510
78
86
20
25
30
68
70
88
28 V
18 V
36 V
24421-009-DTS Rev A
DQ# 2009
All technical information is believed to be accurate, but no responsibility is assumed
for errors or omissions. Interpoint reserves the right to make changes in products
or specifications without notice. HR300 Series is a trademark of Interpoint.
Copyright © 1991 - 1999 Interpoint. All rights reserved.


Similar Part No. - HR301-285

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR301-2805 INTERPOINT-HR301-2805 Datasheet
91Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-2812 INTERPOINT-HR301-2812 Datasheet
91Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-2815 INTERPOINT-HR301-2815 Datasheet
91Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR301-285

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com