Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR121-2812 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # HR121-2812
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR121-2812 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  HR121-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR121-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR121-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR121-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR121-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR121-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
INHIBIT
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 VDC
• 19 to 40 VDC 15 volt outputs
Output Power
• 12 watts (10 watts HR121-2805)
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –55°C to +125°C
B4-48
HR120 SERIES
12 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 150 ppm/°C, typical
Input to Output Capacitance
• 50 pF, typical
Current Limit
• 125% of full load, typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• 600 kHz typical
Inhibit Pin Voltage (unit enabled)
• 8 to 11 V
Input Voltage Range
• 16 to 40 VDC continuous
• 19 to 40 VDC continuous 15 volt outputs
• 50 V for 50 msec transient
Case Operating Temperature (Tc)
• –40°C to +85°C full power
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low 0.8 V max
Inhibit pin current 4 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
SINGLE OUTPUT MODELS
HR121-2805
HR121-2812
HR121-2815
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
4.95
5.0
5.05
11.88
12
12.12
14.85
15
15.15
VDC
OUTPUT CURRENT
2.0
1.0
0.8
A
OUTPUT POWER
MIN. TO MAX. VIN
10
12
12
W
OUTPUT RIPPLE
10 kHz to 2 MHz
40
60
30
60
25
50
mV p-p
LINE REGULATION
MIN. TO MAX. VIN
10
50
10
50
10
50
mV
LOAD REGULATION
NO LOAD TO FULL
10
50
10
50
10
50
mV
INPUT VOLTAGE
NO LOAD TO FULL
16
28
40
16
28
40
19
28
40
VDC
TRANSIENT 50 ms
50
50
50
INPUT CURRENT
NO LOAD
20
30
20
30
20
30
FULL LOAD
478
548
535
mA
INHIBITED
2
3
2
3
2
3
INPUT RIPPLE
CURRENT
10 kHz TO 2 MHz
135
180
150
200
150
220
mA p-p
EFFICIENCY
74
77
77
81
80
83
%
LOAD FAULT1
POWER DISSIPATION
OVERLOAD
5
5
5
W
SHORT CIRCUIT
3.5
2.8
2
START-UP
DELAY
180
300
80
200
150
250
ms
Notes
1. Indefinite short circuit protection not guaranteed above 85°C case temperature.


Similar Part No. - HR121-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2812 INTERPOINT-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR121-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com