Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGH2805S Datasheet(PDF) 14 Page - Crane Aerospace & Electronics.

Part # MGH2805S
Description  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2805S Datasheet(HTML) 14 Page - Crane Aerospace & Electronics.

Back Button MGH2805S Datasheet HTML 10Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 11Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 12Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 13Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 14Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 15Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 16Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 17Page - Crane Aerospace & Electronics. MGH2805S Datasheet HTML 18Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 14 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MGH SINGLE AND DUAL OUTPUT MODELS (CONT.)
SAFE OPERATING AREA
120
100
80
60
40
20
0
% OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
0
20
40
60
80
100 120 140
160
TRIP POINT
125%
FIGURE 32
Vin
–Vout
TURN-ON INTO FULL LOAD
05
10
15
20
25
30
35
40 45
TIME (ms)
MGH2815D
Also representative of MGH2812S & D and MGH2815S
+Vout
0 V for –Vout
0 V for +Vout
FIGURE 29
–5
–12
–15
4
-4
-2
0
2
90/10 70/30 50/50 30/70 10/90
OUTPUT LOAD (%)
DUAL
CROSS REGULATION
90% TO 10% LOAD ON +V
10% TO 90% LOAD ON –V
+5
+12
+15
FIGURE 30
FIGURE 31
20
4
-4
-2
0
2
10
30
40
50
OUTPUT LOAD (%)
DUAL
±5
±12
±15
CROSS REGULATION
50% LOAD +V; 50% TO 10% LOAD –V
AND
50% LOAD –V; 50% TO 10% LOAD +V


Similar Part No. - MGH2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805SZ/883 INTERPOINT-MGH2805SZ/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
MGH2805SZ/ES INTERPOINT-MGH2805SZ/ES Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MGH2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com