Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54AC161 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC161
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC161 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54AC161 Datasheet HTML 5Page - Texas Instruments CD54AC161 Datasheet HTML 6Page - Texas Instruments CD54AC161 Datasheet HTML 7Page - Texas Instruments CD54AC161 Datasheet HTML 8Page - Texas Instruments CD54AC161 Datasheet HTML 9Page - Texas Instruments CD54AC161 Datasheet HTML 10Page - Texas Instruments CD54AC161 Datasheet HTML 11Page - Texas Instruments CD54AC161 Datasheet HTML 12Page - Texas Instruments CD54AC161 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CD54AC161, CD74AC161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS239C – SEPTEMBER 1998 – REVISED MARCH 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
CC
MIN
MAX
MIN
MAX
1.5 V
7
8
fmax
3.3 V
± 0.3 V
64
73
MHz
5 V
± 0.5 V
90
103
1.5 V
209
190
RCO
3.3 V
± 0.3 V
6
23.4
6
21
CLK
5 V
± 0.5 V
4.3
16.7
4.3
15.2
CLK
1.5 V
207
188
Any Q
3.3 V
± 0.3 V
5.9
23.1
5.9
21
5 V
± 0.5 V
4.2
16.5
4.2
15
1.5 V
129
117
tpd
ENT
RCO
3.3 V
± 0.3 V
3.6
14.4
3.7
13.1
ns
5 V
± 0.5 V
2.6
10.3
2.7
9.4
1.5 V
207
188
Any Q
3.3 V
± 0.3 V
5.9
23.1
5.9
21
CLR
5 V
± 0.5 V
4.2
16.5
4.2
15
CLR
1.5 V
207
188
RCO
3.3 V
± 0.3 V
5.9
23.1
5.9
21
5 V
± 0.5 V
4.2
16.5
4.2
15
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
66
pF


Similar Part No. - CD54AC161

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
553Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Intersil Corporation
CD54AC1613A INTERSIL-CD54AC1613A Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
logo
Texas Instruments
CD54AC161F3A TI-CD54AC161F3A Datasheet
553Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - CD54AC161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com