Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4120 Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # D4120
Description  4-Wire Photoelectric Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

D4120 Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  D4120 Datasheet HTML 1Page - Systemsensor advanced ideas. D4120 Datasheet HTML 2Page - Systemsensor advanced ideas. D4120 Datasheet HTML 3Page - Systemsensor advanced ideas. D4120 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0419-000 • 8/08 • #1836
Accessories
System Sensor provides system flexibility with a variety of accessories, including two remote test stations and several different means of
visible and audible system annunciation. As with our duct smoke detectors, all duct smoke detector accessories are UL listed.
Ordering Information
Part No.
Description
D4120
4-wire photoelectric low-flow duct smoke detector
Accessories
D4S
4-wire photoelectric sensor component only
MHR
Mini Horn, Red
D4P120
4-wire photoelectric power board component only,
24 VAC/DC, 120 VAC
MHW
Mini Horn, White
2D51
4-wire conventional photoelectric sensor head
P48-21-00
End cap for metal sampling tubes
DST1
Metal sampling tube duct width up to 1ft (0.3m)
PS12/24SLENSC
Ceiling-mount“SMOKE”lens
DST1.5
Metal sampling tube duct widths 1 ft to 2 ft (0.3 to 0.6 m)
PS12/24SLENSW
Wall-mount“SMOKE”lens
DST3
Metal sampling tube duct widths 2 ft to 4 ft (0.6 to 1.2 m)
PS24LO
Mini-Alert add-on strobe (red)
DST5
Metal sampling tube duct widths 4 ft to 8 ft (1.2 to 2.4 m)
PS24LOW
Mini-Alert add-on strobe (white)
DST10
Metal sampling tube duct widths 8 ft to 12 ft (2.4 to 3.7 m)
RA400Z
Remote annunciator alarm LED
APA151
Remote annunciator with piezo alarm
RTS451
Remote test station
DH400 OE-1
Weatherproof enclosure
RTS451KEY
Remote test station with key lock
ETX
Metal exhaust tube duct width 1ft (0.3m)
SSK451
Multi-signaling accessory
M02-04-00
Test magnet
RTS451 UL S2522
RA400Z UL S2522
RTS451KEY UL S2522
MHW UL S4011
MHR UL S4011
APA151 UL S4011
SSK451 UL S2522
SSK451 with PS24LOW strobe
and PS12/24 LENSW lens


Similar Part No. - D4120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-B UTC-D4120PG-T92-B Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-B UTC-D4120PG-T92-B Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-K UTC-D4120PG-T92-K Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-K UTC-D4120PG-T92-K Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results

Similar Description - D4120

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
   Watertight 4-Wire Photoelectric Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com