Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4120 Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # D4120
Description  4-Wire Photoelectric Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

D4120 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  D4120 Datasheet HTML 1Page - Systemsensor advanced ideas. D4120 Datasheet HTML 2Page - Systemsensor advanced ideas. D4120 Datasheet HTML 3Page - Systemsensor advanced ideas. D4120 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A05-0419-000
Wiring for 4-wire Duct Smoke Detector and Accessories
Important Notes on 2:1 Sensor-to-Power Capability
• 2:1 sensor-to-power capability is not available for all InnovairFlex models. The feature is only available on the D4120 4-wire conventional models.
• 2:1 sensor-to-power capability can be enabled using one D4120 and one D4S, or two D4S and one D4P120.
Important Interconnect Notes
• When using the interconnect feature, all interconnected units must be powered using the same independent supply.
• Polarity must be maintained throughout the interconnect wiring. Connect the INT+ terminal on unit 1 to the INT+ terminal on unit 2 and so on. Similarly,
connect the INT/AUX– terminal on unit 1 to the INT/AUX- terminal on unit 2 and so on.
• Up to 50 D4120 units, 50 D4P120 units, or 50 units of combination may be interconnected.
• Up to 10 DH100ACDC units may be interconnected. Please note that each of the 9 DH100ACDC units interconnected may be replaced by three D4P120
units. Therefore, when using the interconnect feature a single DH100ACDC can drive either 9 DH100ACDCs or 27 D4120 units.
* NOTE: Alarm can be reset only at the initiating device and not at the devices interconnected.
NOTE 1: 24V Power Inputs accept a non-polarized 24VDC or 24VAC 50-60Hz.
120VAC Power Inputs accept only 120VAC 50-60Hz. Connect power
source to appropriate terminals of each detector. See specifications
for additional power supply information.
NOTE 2: Auxiliary contacts shown in standby position. Contacts switch
during alarm as indicated by arrows. Auxiliary contacts are not to
be used for connection to the control panel. See specifications for
contact ratings.
NOTE 3: Supervisory contacts shown in standby position. Open contacts
indicate a trouble condition to the panel. See specifications for
contact ratings.
NOTE 4: Alarm Initiation contacts shown in standby position. Closed
contacts indicate an alarm condition to the panel. See specifications
for contact ratings.
*Please refer to the corresponding installation manual for accessory wiring diagrams.
24VAC/DC
9
10
AUXILIARY CONTACTS
FOR FAN SHUTDOWN, ETC. (NOTE 2)
16
6
17
8
18
7
N.O.
C.
N.C.
N.O.
C.
N.C.
16
6
17
8
18
7
N.O.
C.
N.C.
N.O.
C.
N.C.
SUPERVISORY CONTACTS
(NOTE 3)
24V
9
10
AUXILIARY CONTACTS
FOR FAN SHUTDOWN, ETC. (NOTE 2)
SUPERVISORY CONTACTS
(NOTE 3)
SUP C.
SUP N.O.
SUP N.O.
SUP C.
5
4
ALARM
INITIATION
CONTACTS
(NOTE 4)
5
4
ALARM
INITIATION
CONTACTS
(NOTE 4)
ALARM
INITIATION
LOOP
UL/FM LISTED
4-WIRE
CONTROL PANEL
+
120
VAC
120
VAC
OR
OR
AUX A
AUX B
AUX A
AUX B
ALARM C.
ALARM C.
ALARM N.O.
ALARM N.O.
14
14
3
3
FIRST DETECTOR IN THE LOOP
POWER INPUTS (NOTE 1)
POWER INPUTS (NOTE 1)
LAST DETECTOR IN THE LOOP
EOL RESISTOR
SPECIFIED BY
PANEL
MANUFACTURER


Similar Part No. - D4120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-B UTC-D4120PG-T92-B Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-B UTC-D4120PG-T92-B Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-K UTC-D4120PG-T92-K Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120PG-T92-K UTC-D4120PG-T92-K Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results

Similar Description - D4120

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
   Watertight 4-Wire Photoelectric Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com