Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW1448A Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # KW1448A
Description  5.0 x 5.0 mm (t=0.55 mm) Type White LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

KW1448A Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  KW1448A Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Color and Luminous Intensity
Page 2
MIN.
T YP.
I
F
TYP.
I
F
KW1448A
InGa N
White
Pale
Yellow
8,200
11,000 40/chip
38
40/chip
Part No.
Material
Emitted
Color
Luminous Flux
Iv (mc d)
φv (lm)
Lens
Color
Luminous Intens ity
KW1448A
5.0 x 5.0 mm (t=0.55 mm) Type White LED
※Note : The above luminous intensity(I
v) is the setup values of the sorting machine.
(Tolerance : IV…±10%)
(Ta=25℃)
2009.2.26


Similar Part No. - KW1448A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-1001 LUCKY-LIGHT-KW1-1001 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A2 LUCKY-LIGHT-KW1-1001A2 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A26 LUCKY-LIGHT-KW1-1001A26 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
KW1-1001A3 LUCKY-LIGHT-KW1-1001A3 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A32 LUCKY-LIGHT-KW1-1001A32 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
More results

Similar Description - KW1448A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AAAF5051-05 TO-GRACE-AAAF5051-05 Datasheet
1Mb / 5P
   5.0 x 5.0 mm Full-Color Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
   5.0 mm X 1.0 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
logo
List of Unclassifed Man...
333HD ETC-333HD Datasheet
104Kb / 6P
   5.0 MM ROUND TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
   5.0 MM ROUND TYPE LED LAMPS
logo
Panasonic Semiconductor
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
   5.0 mm X 1.0 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com