Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW1448A Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # KW1448A
Description  5.0 x 5.0 mm (t=0.55 mm) Type White LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

KW1448A Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  KW1448A Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. KW1448A Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Recommended Applications
Cellular Phone, Mobile Equipment, Electric Household Appliances, Other General Applications
Page 1
・Outer Dimension 5.0 x 5.0 x 0.55mm ( L x W x H )
・Temperature range
Storage Temperature : -40℃~120℃
Operating Temperature : -30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Product features
KW1448A
5.0 x 5.0 mm (t=0.55 mm) Type White LED
2009.2.26
Chromaticity coordinates
Spatial distribution
Die materials
Optical efficiency
Rank grouping parameter
Assembly method
Soldering methods
Taping and reel
ESD
Sorted by luminous intensity and chromaticity per rank taping
Auto pick & place machine (Auto Mounter)
2,000pcs per reel in a 12mm width tape. (Standard)
Reel diameter:φ180mm
1kV (HBM)
120 deg.
x = 0.33TYP., y = 0.37TYP.
(Condition : I
F=40mA ,1chip)
InGaN
68 lm/W
Reflow soldering and manual soldering
Package
5.0 x 5.0 mm (h=0.55 mm) Type, Pale Yellow resin


Similar Part No. - KW1448A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-1001 LUCKY-LIGHT-KW1-1001 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A2 LUCKY-LIGHT-KW1-1001A2 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A26 LUCKY-LIGHT-KW1-1001A26 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
KW1-1001A3 LUCKY-LIGHT-KW1-1001A3 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A32 LUCKY-LIGHT-KW1-1001A32 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
More results

Similar Description - KW1448A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AAAF5051-05 TO-GRACE-AAAF5051-05 Datasheet
1Mb / 5P
   5.0 x 5.0 mm Full-Color Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
   5.0 mm X 1.0 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
logo
List of Unclassifed Man...
333HD ETC-333HD Datasheet
104Kb / 6P
   5.0 MM ROUND TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
   5.0 MM ROUND TYPE LED LAMPS
logo
Panasonic Semiconductor
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
   5.0 mm X 1.0 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com