Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGN-30-0.9G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # CGN-30-0.9G
Description  DUAL DIRECTIONAL COUPLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CGN-30-0.9G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  CGN-30-0.9G Datasheet HTML 1Page - Merrimac Industries, Inc. CGN-30-0.9G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C - Package Outline
B - Package Outline
CGN-30-G Series
DUAL DIRECTIONAL COUPLERS
0.7 to 8 GHz / Very Low Insertion Loss / 500 W CW Failsafe / 30 dB Coupling to Both Ports / N-
type
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020 (.51)
except as noted.
2. Dimensions in inches over mm.
3. Weights, nom.:
Package A:12 oz (335 g)
Package B: 8.5 oz (238 g)
Package C: 6 oz (168 g)
21Feb9696


Similar Description - CGN-30-0.9G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
HIGH POWER DUAL DIRECTIONAL COUPLERS
logo
Anaren Microwave
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
Directional Couplers
logo
SYNERGY MICROWAVE CORPO...
KEK-704DH SYNERGY-KEK-704DH Datasheet
25Kb / 1P
DUAL HIGH POWER DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
DIRECTIONAL COUPLERS
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com