Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-121 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-121
Description  High Frequency Data Line Filter (1 COIL- 8 LINES)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-121 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-121 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
NAME:
SHEET:
DATE:
CUST P/N:
RHOMBUS P/N:
PARAMETER
UNITS
1Inductance
+ 30%
85.0
µH
1Leakage Inductance
0.4 Max.
µH
1Interwinding Capacitance
12 Max.
pF
DC Resistance
0.20 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
11
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
Current Rating (300 CM/A)
80
mA
High Frequency
Data Line Filter
(1 COIL- 8 LINES)
Schematic Diagram
1Tested at 10KHz and 100 mV
RMS
Turns ratio 1:1
+ 2%
1000
800
600
400
200
0
Impedance Plot
Frequency (MHz)
Ohms
Minimum
Typical
Physical Dimensions in inches (mm)
Operating temperature Range
-45oC to +85oC
11/21/96
F-121


Similar Part No. - F-121

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
   High Frequency Data Line Filter (4 Lines - Two Coils)
F-1200 RHOMBUS-IND-F-1200 Datasheet
56Kb / 1P
   Starlan Filters/Dual & Single Starlan Isolation Transformers
F-1201 RHOMBUS-IND-F-1201 Datasheet
56Kb / 1P
   Starlan Filters/Dual & Single Starlan Isolation Transformers
F-1202 RHOMBUS-IND-F-1202 Datasheet
56Kb / 1P
   Starlan Filters/Dual & Single Starlan Isolation Transformers
F-1203 RHOMBUS-IND-F-1203 Datasheet
56Kb / 1P
   Starlan Filters/Dual & Single Starlan Isolation Transformers
More results

Similar Description - F-121

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-137G RHOMBUS-IND-F-137G Datasheet
52Kb / 3P
   High Frequency Data Line Filter 3 Coils 6 Data Lines
F-137 RHOMBUS-IND-F-137 Datasheet
52Kb / 3P
   High Frequency Data Line Filter 3 Coils 6 Data Lines
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
   High Frequency Data Line Filter (4 Lines - Two Coils)
F-175 RHOMBUS-IND-F-175 Datasheet
22Kb / 1P
   High Frequency Data Line Filter
F-1500 RHOMBUS-IND-F-1500_1 Datasheet
36Kb / 1P
   High Frequency Data Line Filter
F-1502 RHOMBUS-IND-F-1502 Datasheet
28Kb / 1P
   High Frequency Data Line Filter
F-1507 RHOMBUS-IND-F-1507 Datasheet
32Kb / 1P
   High Frequency Data Line Filter
F-127 RHOMBUS-IND-F-127 Datasheet
33Kb / 1P
   High Frequency Data Line Filter
F-129 RHOMBUS-IND-F-129 Datasheet
39Kb / 3P
   High Frequency Data Line Filter
F-1516 RHOMBUS-IND-F-1516 Datasheet
27Kb / 1P
   High Frequency Data Line Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com