Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-119 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-119
Description  High Frequency Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-119 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-119 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
PARAMETER
UNITS
1Inductance Min.
28
µH
1Leakage Inductance
0.2 Max.
µH
1Interwinding Capacitance
12 Max.
pF
DC Resistance
0.20 +15%
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
12
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
1Tested at 100KHz and 100 mV
RMS
Turns ratio 1:1
+ 1%
High Frequency
Data Line Filter
(4 Lines - Two Coils)
Thru-hole DIP
P/N F-119
Schematic Diagram
10/17/96
Physical Dimensions in inches (mm)
Gullwing SMD
P/N F-119G


Similar Part No. - F-119

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-119X TRIAD-F-119X Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-119X TRIAD-F-119X_13 Datasheet
42Kb / 1P
   Chassis Mount: Single Secondary
More results

Similar Description - F-119

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-175 RHOMBUS-IND-F-175 Datasheet
22Kb / 1P
   High Frequency Data Line Filter
F-1500 RHOMBUS-IND-F-1500_1 Datasheet
36Kb / 1P
   High Frequency Data Line Filter
F-1502 RHOMBUS-IND-F-1502 Datasheet
28Kb / 1P
   High Frequency Data Line Filter
F-1507 RHOMBUS-IND-F-1507 Datasheet
32Kb / 1P
   High Frequency Data Line Filter
F-127 RHOMBUS-IND-F-127 Datasheet
33Kb / 1P
   High Frequency Data Line Filter
F-129 RHOMBUS-IND-F-129 Datasheet
39Kb / 3P
   High Frequency Data Line Filter
F-1516 RHOMBUS-IND-F-1516 Datasheet
27Kb / 1P
   High Frequency Data Line Filter
F-1505 RHOMBUS-IND-F-1505 Datasheet
27Kb / 1P
   High Frequency Data Line Filter
F-1506 RHOMBUS-IND-F-1506 Datasheet
29Kb / 1P
   High Frequency Data Line Filter
F-1504 RHOMBUS-IND-F-1504 Datasheet
33Kb / 1P
   High Frequency Data Line Filter
F-129G RHOMBUS-IND-F-129G Datasheet
34Kb / 3P
   High Frequency Data Line Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com