Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42552MLIB Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE42552MLIB
Description  SPDT UltraCMOS RF Switch DC - 7500 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42552MLIB Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

  PE42552MLIB Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product Specification
PE42552
Page 7 of 9
Document No. 70-0246-03
│ www.psemi.com
©2008 Peregrine Semiconductor Corp. All rights reserved.
16-lead 3x3 mm QFN
Figure 18. Package Drawing (mm)
QFN 3x3 mm
A
MAX
0.800
NOM
0.750
MIN
0.700


Similar Part No. - PE42552MLIB

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
More results

Similar Description - PE42552MLIB

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com