Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42552MLIB Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE42552MLIB
Description  SPDT UltraCMOS RF Switch DC - 7500 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42552MLIB Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE42552MLIB Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42552MLIB Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Specification
PE42552
Page 3 of 9
Document No. 70-0246-03
│ www.psemi.com
©2008 Peregrine Semiconductor Corp. All rights reserved.
-12
-10
-8
-6
-4
-2
0
2
4
6
8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Vdd (V)
Upper Power Limit
0
5
10
15
20
25
30
1
10
100
1000
Freq (kHz)
Figure 5 shows how the power limit in Figure 4 will
increase with frequency. As the frequency increases,
the contours and Maximum Power Limit Curve will
increase with the increase in power handling shown on
the curve.
Figure 4. Maximum Operating Power Limit
vs. Vdd and Input Power @ 9 KHz
Figure 5. Operating Power Offset vs.
Frequency (Normalized to 9kHz)
Figure 4 provides guidelines of how to adjust the Vdd
and input Power to the 42552 device. The upper limit
curve represents the maximum Input Power vs Vdd
recommended for this part.
To allow for sustained operation under any load VSWR condition,
max power should be kept 6dB lower than max power in 50 Ohm.
Power Handling Examples
Example 1: Maximum power handling at 100kHz, Z=50
ohms, VSWR 1:1, and Vdd=3V
The power handling offset for 100kHz from Fig. 5 is
10dB
The max power handling at Vdd = 3V is 5.5dB from
Fig. 4
Derate power under mismatch conditions
Total maximum power handling for this example is
10dB + 5.5dB = 15.5dBm
Low Frequency Power Handling: ZL = 50Ω


Similar Part No. - PE42552MLIB

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
More results

Similar Description - PE42552MLIB

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com