Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-118 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-118
Description  EMI Suppression Filter Dual Ferrite Bead Construction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-118 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-118 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
7/20/01
F-118
EMI Suppression Filter
Dual Ferrite Bead Construction
.984
(25.0)
MIN.
.100
(2.54)
TYP.
.020
(0.51)
TYP.
.276
(7.0)
MAX.
.315
(8.0)
MAX.
.100
(2.54)
MAX.
Physical Dimensions in inches (mm)
Part Number
F-118
Capacitance
10000 pF +30%
Rated Voltage
100VDC
Rated Current
6A
Withstand Voltage
250Vdc
Operating
Temperature
-25oC to +85oC
0.1
10
10 0
10 00
F re q u ency ( M H z )
80
40
60
0
20
12 0
10 0
1


Similar Part No. - F-118

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-118X TRIAD-F-118X Datasheet
219Kb / 3P
Chassis Mount: Single Secondary
F-118X TRIAD-F-118X Datasheet
241Kb / 3P
ChassisMount SingleSecondary
F-118X TRIAD-F-118X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
More results

Similar Description - F-118

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
WE-AFB EMI Suppression Axial Ferrite Bead
logo
Murata Manufacturing Co...
BL01RN1-A62 MURATA-BL01RN1-A62 Datasheet
840Kb / 22P
FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
logo
Wurth Elektronik GmbH &...
74279271 WURTH-74279271 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com