Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ802 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # MJ802
Description  POWER TRANSISTORS(30A,100V,200W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ802 Datasheet(HTML) 2 Page - Mospec Semiconductor

  MJ802 Datasheet HTML 1Page - Mospec Semiconductor MJ802 Datasheet HTML 2Page - Mospec Semiconductor MJ802 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A


Similar Part No. - MJ802

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
   30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
logo
ON Semiconductor
MJ802 ONSEMI-MJ802 Datasheet
136Kb / 4P
   High-Power NPN Silicon Transistor
1995 REV 7
logo
STMicroelectronics
MJ802 STMICROELECTRONICS-MJ802 Datasheet
277Kb / 5P
   COMPLEMENTARY HIGH POWER TRANSISTORS
logo
Wing Shing Computer Com...
MJ802 WINGS-MJ802 Datasheet
55Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Central Semiconductor C...
MJ802 CENTRAL-MJ802 Datasheet
54Kb / 1P
   Power Transistors
More results

Similar Description - MJ802

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
MJ11011 MOSPEC-MJ11011 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
logo
Rohm
RSJ301N10FRA ROHM-RSJ301N10FRA Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
RSJ301N10 ROHM-RSJ301N10 Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
logo
Mospec Semiconductor
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com