Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDE-7D180M Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MDE-7D180M
Description  Metal Oxide Varistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MDE-7D180M Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MDE-7D180M Datasheet HTML 1Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDE Semiconductor, Inc. Circuit Protection Products
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-241
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
Standard D Series 7 mm Disc
Rated
Power
Typical
Capacitance
(Reference)
ACrms
(v)
DC
(v)
V@10A
(v)
Ip
(A)
10/1000
(µs)
(J)
2ms (J)
1 time
(A)
2 times
(A)
(w)
1kHz
(pF)
MDE-7D180M
18
16-20
11
14
•36
2.5
1.1
0.9
500
250
0.02
3,800
MDE-7D220M
22
20-24
14
18
•43
2.5
1.3
1.0
500
250
0.02
3,600
MDE-7D270K
27
24-30
17
22
•53
2.5
1.6
1.3
500
250
0.02
3,400
MDE-7D330K
33
30-36
20
26
•65
2.5
2.0
1.6
500
250
0.02
2,900
MDE-7D390K
39
35-43
25
31
•77
2.5
2.4
1.9
500
250
0.02
1,600
MDE-7D470K
47
42-52
30
38
•93
2.5
2.8
2.3
500
250
0.02
1,550
MDE-7D560K
56
50-62
35
45
•110
2.5
3.4
2.7
500
250
0.02
1,500
MDE-7D680K
68
61-75
40
56
•135
2.5
4.1
3.3
500
250
0.02
1,200
MDE-7D820K
82
74-90
50
65
135
10
7.0
5.0
1750
1250
0.25
860
MDE-7D101K
100
90-110
60
85
165
10
8.5
6.0
1750
1250
0.25
750
MDE-7D121K
120
108-132
75
100
200
10
10.0
7.0
1750
1250
0.25
530
MDE-7D151K
150
135-165
95
125
250
10
13.0
9.0
1750
1250
0.25
410
MDE-7D181K
180
162-198
115
150
340
10
15.0
10.4
1750
1250
0.25
300
MDE-7D201K
200
185-225
130
170
340
10
17.5
12.5
1750
1250
0.25
250
MDE-7D221K
220
198-242
140
180
360
10
19.0
13.5
1750
1250
0.25
240
MDE-7D241K
240
216-264
150
200
395
10
21.0
15.0
1750
1250
0.25
240
MDE-7D271K
270
247-303
175
225
455
10
24.0
17.0
1750
1250
0.25
220
MDE-7D301K
300
270-330
195
250
500
10
26.0
18.5
1750
1250
0.25
190
MDE-7D331K
330
297-363
210
275
550
10
28.0
20.0
1750
1250
0.25
170
MDE-7D361K
360
324-396
230
300
595
10
32.0
23.0
1750
1250
0.25
180
MDE-7D391K
390
351-429
250
320
650
10
35.0
25.0
1750
1250
0.25
160
MDE-7D431K
430
387-473
275
350
710
10
40.0
27.5
1750
1250
0.25
150
MDE-7D471K
470
423-517
300
385
775
10
42.0
30.0
1750
1250
0.25
130
MDE-7D511K
510
459-561
320
410
845
10
45.0
32.0
1750
1250
0.25
120
MDE-7D561K
560
504-616
350
460
915
10
45.0
32.0
1750
1250
0.25
120
MDE-7D621K
620
558-682
385
505
1025
10
45.0
32.0
1750
1250
0.25
120
MDE-7D681K
680
612-748
420
560
1120
10
53.0
40.0
1750
1250
0.25
120
•The clamping voltage from 180K to 680K
is tested with current @ 2.5A.
Max Peak
Current
(8/20 µ S)
Maximum
Allowable
Voltage
PART
NUMBER
Varistor
Voltage
V@1mA
(v)
Energy
Max Clamping
Voltage
(8/20 µ S)


Similar Part No. - MDE-7D180M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDE-7D180M ETC-MDE-7D180M Datasheet
85Kb / 1P
   MDE Semiconductor, Inc. Circuit Protection Products
More results

Similar Description - MDE-7D180M

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com