Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2751AIUHF-16-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2751AIUHF-16-PBF
Description  Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2751AIUHF-16-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2751AIUHF-16-PBF Datasheet HTML 6Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 7Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 8Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 9Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 10Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 11Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 12Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 13Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2751
10
2751f
PIN FUNCTIONS
S1 (Pin 33): Span I/O Bit 1. Pins S0, S1 and S2 are used to
program and to read back the output range of the DAC.
RVOS (Pin 34): DAC Offset Adjust. Nominal input range is
±5V. If not used, RVOS should be shorted to IOUT2.
IOUT1 (Pin 35): DAC current output; normally tied to the
negative input of the I/V converter amplifier.
RFB (Pin 36): DAC Feedback Resistor; normally tied to
the output of the I/V converter amplifier. The DAC output
current from IOUT1 flows through the feedback resistor
to the RFB pin.
ROFS (Pin 37): Bipolar Offset Network. This pin provides
the translation of the output voltage range for bipolar
spans. Accepts up to ±15V; normally tied to the positive
reference voltage at RIN (Pin 2).
REF (Pin 38): Feedback Resistor for the Reference Inverting
Amplifier, and Reference Input for the DAC. Normally tied
to the output of the reference inverting amplifier. Typically
–5V. Accepts up to ±15V.
Exposed Pad (Pin 39): Ground. The Exposed Pad must
be soldered to the PCB.


Similar Part No. - LTC2751AIUHF-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2751AIUHF-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com