Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2751AIUHF-16-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2751AIUHF-16-PBF
Description  Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2751AIUHF-16-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2751AIUHF-16-PBF Datasheet HTML 2Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 3Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 4Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 5Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 6Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 7Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 8Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 9Page - Linear Technology LTC2751AIUHF-16-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2751
6
2751f
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2751 G09
VDD = 5V
±5V RANGE
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+DNL
–DNL
+DNL
–DNL
CODE
0
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2751 G01
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2751 G02
VDD = 5V
VREF = 5V
±10V RANGE
TEMPERATURE (°C)
–40
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2751 G04
VDD = 5V
VREF = 5V
±10V RANGE
+INL
–INL
TEMPERATURE (°C)
–40
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2751 G05
VDD = 5V
VREF = 5V
±10V RANGE
+DNL
–DNL
TEMPERATURE (°C)
–40
8
4
2
0
4
–20
20
0
40
6
6
8
2
60
80
2751 G06
VDD = 5V
VREF = 5V
±10V RANGE
0.5ppm/°C (TYP)
TEMPERATURE (°C)
–40
–16
–8
–4
0
8
–20
20
0
40
–12
12
16
4
60
80
2751 G07
VDD = 5V
VREF = 5V
±10V RANGE
0.6ppm/°C (TYP)
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2751 G08
VDD = 5V
±5V RANGE
–1.0
– 0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+INL
–INL
+INL
–INL
INL vs Temperature
DNL vs Temperature
Bipolar Zero vs Temperature
Gain Error vs Temperature
INL vs VREF
DNL vs VREF
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2751-16
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC2751AIUHF-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2751AIUHF-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com