Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECX-UM-1 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-UM-1
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-UM-1 Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-UM-1 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
The ECX-64 delivers unmatched frequency
stability with a frequency range from 12MHz
to 100MHz with an operating temperature
of -10˚ to +70˚C. Aging characteristics are
exceptional utilizing advanced cold-sealing
processes with a ceramic housing /metal
cover. These specifications along with a
dimensional height of only 1.1mm make this
SMD crystal the perfect choice for compact
wireless communication applications.
FEATURES
• 1.1 mm height
• Wide frequency range availability
• Excellent aging characteristics
• High frequency fundamental
capability
• Ultra miniature design
• Tape & Reel (1,000 pcs)
• PbFree/RoHS Compliant
ECX-64
1.1mm SMD QUARTZ CRYSTAL
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
12.0
100.0
MHz
CALIBRATION TOLERANCE
@ +25˚C
-30
+30
PPM
FREQUENCY STABILITY ref. 25˚C
-10~ +70˚C
-50
See Table 1
+50
PPM
SHUNT CAPACITANCE
CO
7.0
pF
LOAD CAPACITANCE
CL (Customer Specified)
10.0
20.0 standard
Series
pF
DRIVE LEVEL
DL
0.1
mW
OPERATING TEMPERATURE
TOPR
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-40
+85
˚C
AGING CHARACTERISTICS (FIRST YEAR)
@ +25˚C
-2.0
+2.0
PPM
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
FREQUENCY RANGE (MHz)
MODE OF OSC.
MAX. ESR Ω
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR Ω
12.000 ~ 15.999
Fundamental
80
20.000 ~ 49.999
Fundamental
40
16.000 ~ 19.999
Fundamental
60
27.000 ~ 100.000
3rd OT
100
2.0
4.4
#4
#3
#2
#1
Figure 3) Recommended Solder Pad Layout - Top view
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
160
20
23B
* Load capacitance (xx=xx pF, S= series resonance)
Note: See Product Selection Guide for additional options.
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 4) Frequency vs Temperature Curve
6.0
±0.2
3.0
#1
#4
#3
#2
Figure 1) ECX-64 - Top and Side views
Figure 2) Land Pattern - Bottom view
PACKAGE DIMENSIONS (mm)


Similar Part No. - ECX-UM-1

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results

Similar Description - ECX-UM-1

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
SMD QUARTZ CRYSTAL
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com