Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECX-19A Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-19A
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-19A Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-19A Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
The ECX-19A SMD crystal is pin out
compatible with our CSM-12. The ECX-19A
covers a wide frequency range and has a 2.0
mm height profile.
ECX-19A
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
2.0 max.
11.0
± 0.2
10.0 max.
5.0
±0.3
3.8
± 0.2
2.0
± 0.1
Figure 1) ECX-19A - Top, Side, Bottom and End views
Figure 2) ECX-19A Land Pattern
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY (4.000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
40
20
19A
* Load capacitance (xx=xx pF, S=series resonance)
Note: See Product Selection Guide for additional options including tighter tolerances or extended temperature range.
* Tighter specifications are available. **Extended temperature range available.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
3.579545
80.000
MHz
CALIBRATION TOLERANCE
@ +25˚C
±30*
PPM
FREQUENCY STABILITY ref @25˚C
-10 ~ +70˚C
±50*
PPM
SHUNT CAPACITANCE
7
pF
LOAD CAPACITANCE
CL (Customer Specified)
10
20.0 standard
Series
pF
DRIVE LEVEL
DL
100
µW
OPERATING TEMPERATURE
TOPR**
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-30
+85
˚C
AGING CHARACTERISTICS (Per Year)
@ +25˚C ± 3˚C per year
±5
PPM
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR Ω
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR Ω
3.579545 ~ 3.999
Fundamental
200
10.000 ~ 13.999
Fundamental
80
4.000 ~ 5.999
Fundamental
150
14.000 ~ 30.000
Fundamental
50
6.000 ~ 9.999
Fundamental
100
27.000 ~ 80.000
3rd O/T
80
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 3) Frequency vs Temperature Curve
2.4
AB
CD
5.08
FEATURES
• Compact and low profile
• Resistance-weld sealed
• Extended Temp range available
• Tape & Reel (1,000 pcs.)
• PbFree/RoHS Compliant


Similar Part No. - ECX-19A

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
441Kb / 1P
SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
590Kb / 2P
The ECX-19A SMD crystal is pin out compatible with our CSM-12
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
The ECX-19A SMD crystal is pin out compatible with our CSM-12
More results

Similar Description - ECX-19A

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
SMD QUARTZ CRYSTAL
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com