Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC21520 Datasheet(PDF) 1 Page - celduc-relais

Part # SCC21520
Description  DC Solid State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCC21520 Datasheet(HTML) 1 Page - celduc-relais

  SCC21520 Datasheet HTML 1Page - celduc-relais SCC21520 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCC
DC control
15A/200VDC output
All technical characteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Bipolar transistor DC output .
• DC loads on 2 to 200Vdc lines.
• Sortie DC à transistor bipolaire .
• Charges continus sur réseaux de 2 à 200Vdc .
page 1 / 2 F/GB
S/CONT/SCC-0002/B/28/04/2003
Relais statique : COURANT CONTINU
DC Solid State Relay
celduc
r
e
l
a
i
s
Proud to serve you
1 -
2 +
+
-
Charge
/ Load
(*)
2 +
1-
+ 3
- 4
29
47,6
5,1
28
43,2
7,3
58,5
44,5
25,4
M4
M 3
Ø4,7
24
Application typique/Typical application
Caractéristiques d'entrée / Input characteristics (20
°C)
Types / Models
Modèles / References
SCC11520
SCC21520
DC input
DC input
Paramètre / Parameter
Symbol
Unit
Plage de tension de commande (Uc) / Input voltage range (Uc)
Uc
3-16
10-32
VDC
Tension maximum de commande / Maximum control voltage
Uc max
16
32
VDC
Tension minimum de commande / Minimum control voltage
Uc min
3
10
VDC
Courant de fonctionnement/Operating current
Ic
1
1
mADC
Courant maximum de commande / Maximum control current
Ic max
30
30
mADC
Tension de relachement/Release voltage
Uc off
0,8
0,8
VDC
Résistance interne / Input internal resistor
Rc
470
2200
Caractéristiques d'entrée (20
°C) / Input characteristics (20
°C)
Paramètre / Parameter
Unit
Température de stockage / Storage temperature
- 40 à/to +150
- 40 à/to +150
°C
Température de fonctionnement /Operating temperature
-40 à/to +80
-40 à/to +80
°C
Tension d'isolement entrée-sortie / Input-output isolation voltage
2500
2500
VRMS
Capacité entrée-sortie/ Input-output capacity
88
pF
Poids/Weight
85
85
g
(*)
Sur charges inductives/
On inductive loads


Similar Part No. - SCC21520

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC21506 CELDUC-SCC21506 Datasheet
263Kb / 2P
   DC Solid State Relay
More results

Similar Description - SCC21520

ManufacturerPart #DatasheetDescription
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
   DC Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
   DC Solid-State Relay
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
   DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
   DC Solid State Relay
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
   DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
   DC Solid State Relay
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
   DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
   DC Solid State Relay
STD07205 CELDUC-STD07205 Datasheet
647Kb / 2P
   DC Solid State Relay
SGC CELDUC-SGC Datasheet
94Kb / 2P
   DC SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com