Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10000 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # MJ10000
Description  POWER TRANSISTORS(20A,350-400V,175W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ10000 Datasheet(HTML) 3 Page - Mospec Semiconductor

  MJ10000 Datasheet HTML 1Page - Mospec Semiconductor MJ10000 Datasheet HTML 2Page - Mospec Semiconductor MJ10000 Datasheet HTML 3Page - Mospec Semiconductor MJ10000 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - MJ10000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
logo
Wing Shing Computer Com...
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10000 BOCA-MJ10000 Datasheet
195Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ10000 NJSEMI-MJ10000 Datasheet
100Kb / 2P
   NPN Silicon Power Darlington Transistor
More results

Similar Description - MJ10000

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
   POWER TRANSISTORS(10A,400V,175W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
   POWER TRANSISTORS(20A,400-500V,175W)
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
   POWER TRANSISTORS(15A,175W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
   POWER TRANSISTORS(15A,400-450V,175W)
MJ10013 MOSPEC-MJ10013 Datasheet
195Kb / 4P
   POWER TRANSISTORS(10A,550-600V,175W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com