Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-3-TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6700HVHS6-3-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-3-TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6700HVHS6-3-TRMPBF Datasheet HTML 6Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
10
6700123ff
OUTA: Open-Collector Output of Comparator Section A.
This pin provides drive for up to 40mA of load current. Off-
state voltage may be as high as 18V (36V for LT6700HV)
above GND, regardless of VS used.
GND: Ground. This pin is also the low side return of the
internal 400mV reference.
INA: External Input for Comparator Section A. The volt-
age on this pin can range from –0.3V to 18V (36V for
LT6700HV) with respect to GND regardless of VS used.
The input is noninverting for the LT6700-1/LT6700HV-1
and LT6700-3/LT6700HV-3, and inverting for the LT6700-2/
LT6700HV-2. The other section A comparator input is
internally connected to the 400mV reference.
INB: External Input for Comparator Section B. The volt-
age on this pin can range from –0.3V to 18V (36V for
LT6700HV) with respect to GND regardless of VS used.
The input is noninverting for the LT6700-3/LT6700HV-3,
and inverting for the LT6700-1/LT6700HV-1 and LT6700-2/
LT6700HV-2. The other section B comparator input is
internally connected to the 400mV reference.
VS: Comparator Core Supply Voltage. The parts are char-
acterized for operation with 1.4V ≤ VS ≤ 18V with respect
to GND.
OUTB : Open-Collector Output of Comparator Section B.
This pin provides drive for up to 40mA of load current. Off-
state voltage may be as high as 18V (36V for LT6700HV)
above GND, regardless of VS used.
+
+
COMP B
COMP A
400mV
REFERENCE
OUTB
VS
–INB
+INA
OUTA
GND
VS
LT6700-1
LT6700HV-1
6700123 PF01
PIN FUNCTIONS
+
+
COMP B
COMP A
400mV
REFERENCE
OUTB
VS
–INB
–INA
OUTA
GND
VS
LT6700-2
LT6700HV-2
6700123 PF02
+
+
COMP B
COMP A
400mV
REFERENCE
OUTB
VS
+INB
+INA
OUTA
GND
VS
LT6700-3
LT6700HV-3
6700123 PF03


Similar Part No. - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-3-TRMPBF LINER-LT6700HVHS6-3-TRMPBF Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com