Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-3-TRMPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT6700HVHS6-3-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-3-TRMPBF Datasheet(HTML) 1 Page - Linear Technology

  LT6700HVHS6-3-TRMPBF Datasheet HTML 1Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 2Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 3Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 4Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 5Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 6Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
1
6700123ff
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Micropower, Low Voltage,
Dual Comparator with
400mV Reference
The LT®6700-1/LT6700-2/LT6700-3/LT6700HV-1/
LT6700HV-2/LT6700HV-3 combine two micropower, low
voltage comparators with a 400mV reference in a 6-lead
SOT-23 or tiny DFN package. Operating with supplies from
1.4V up to 18V, these devices draw only 6.5μA, making
them ideal for low voltage system monitoring. Hysteresis
is included in the comparators, easing design requirements
to insure stable output operation.
The comparators each have one input available externally;
the other inputs are connected internally to the reference.
The comparator outputs are open collector and the output
load can be referred to any voltage up to 18V (36V for
LT6700HV), independent of supply voltage. The output
stage sinking capability is guaranteed to be greater than
5mA over temperature.
The three versions of this part differ by the polar-
ity of the available comparator inputs. The LT6700-1/
LT6700HV-1 has one inverting input and one noninvert-
ing input, making it suitable for use as a window com-
parator. The LT6700-2/LT6700HV-2 has two inverting
inputs and the LT6700-3/LT6700HV-3 has two nonin-
verting inputs. All versions are offered in commercial,
industrial and automotive temperature ranges.
Micropower Battery Monitor
n Internal 400mV Reference
n Total Threshold Error: ±1.25% Max at 25°C
n Inputs and Outputs Operate to 36V
n Wide Supply Range: 1.4V to 18V
n Specified for –55°C to 125°C Temperature Range
n Low Quiescent Current: 6.5μA Typ at 5V
n Internal Hysteresis: 6.5mV Typ
n Low Input Bias Current: ±10nA Max
n Over-The-Top® Input also Includes Ground
n Open-Collector Outputs Allow Level Translation
n Choice of Input Polarities: LT6700-1/LT6700-2/
LT6700-3/LT6700HV-1/LT6700HV-2/LT6700HV-3
n Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm
× 3mm DFN Packages
n Battery-Powered System Monitoring
n Threshold Detectors
n Window Comparators
n Relay Driving
n Industrial Control Systems
n Handheld Instruments
n Automotive Monitor and Controls
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Over-The-Top
is a registered trademark of Linear Technology Corporation. ThinSOT is a trademark of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Comparator Thresholds
vs Temperature
+
+
COMP B
1M
COMP A
ALKALINE
AA CELLS
VR = 400mV
REFERENCE
1M
0.1μF
LT6700-3
63.4k
261k
1M
VBATT > 1.6V
VBATT > 2V
MONITOR CONSUMES ~10μA
HYSTERESIS IS APPROXIMATELY
2% OF TRIP VOLTAGE
6700123 TA01
VBATT
1.4V (MIN)
3V (NOM)
+
+
VS
TEMPERATURE (°C)
–60
398
400
402
120
6700123 TA02
396
394
390
–40 –20
0
20
40
60
80 100
392
406
404
TWO TYPICAL PARTS
COMP A AND B
VS = 5V
#1A
#1B
#2A
#2B
RISING INPUT
FALLING INPUT


Similar Part No. - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-3-TRMPBF LINER-LT6700HVHS6-3-TRMPBF Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com