Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-3-TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6700HVHS6-3-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-3-TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6700HVHS6-3-TRMPBF Datasheet HTML 5Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 6Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-3-TRMPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
9
6700123ff
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
LT6700H
TYP
MAX UNITS
VTH(R)
Rising Input Threshold Voltage
(Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
390
392
389
388
411
410
412
413
mV
mV
mV
mV
VTH(F)
Falling Input Threshold Voltage
(Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
381.5
382.5
380.5
379.5
405.5
404.5
406.5
407.5
mV
mV
mV
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 1.4V, 5V, 12V, 18V, RL = 100k, VO = 2V Swing
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V, 36V
VS = 1.4V, 18V, VIN = 100mV
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive
VS = 1.4V, IOUT = 0.1mA
VS = 1.6V, IOUT = 3mA
VS = 5V, IOUT = 5mA
250
250
250
mV
mV
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 18V, VOUT = 18V, (36V, RL = 100k), VIN = 40mV Overdrive
1
1
μA
μA
IS
Supply Current
No Load Current
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
16.0
17.0
18.5
19.0
μA
μA
μA
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 125°C, (LT6700HVH-1/LT6700HVH-2/
LT6700HVH-3) unless otherwise specified (Notes 4, 5).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load Current
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
14.0
15.0
16.5
17.0
μA
μA
μA
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 85°C, (LT6700HVI-1/LT6700HVI-2/LT6700HVI-3)
unless otherwise specified (Notes 4, 5).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: The inputs are protected by ESD diodes to the ground. If the input
voltage exceeds –0.3V below ground, the input current should be limited
to less than 10mA.
Note 4: The LT6700C-1/-2/-3/LT6700HVC-1/-2/-3, and
LT6700I-1/-2/-3/LT6700HVI-1/-2/-3 are guaranteed functional over the
operating temperature range of – 40°C to 85°C. The LT6700H-1/-2/-3/
LT6700HVH-1/-2/-3 is guaranteed functional over the operating
temperature range of –40°C to 125°C. The LT6700MP-1/-2/-3 is
guaranteed functional over the operating temperature range of –55°C to
125°C.
Note 5: The LT6700C-1/-2/-3/LT6700HVC-1/-2/-3 is guaranteed to
meet the specified performance from 0°C to 70°C. The LT6700C-1/-2/-
3/LT6700HVC-1/-2/-3 are designed, characterized and expected to meet
specified performance from – 40°C to 85°C but are not tested or QA
sampled at these temperatures. The LT6700I-1/-2/-3/LT6700HVI-1/-2/-3
is guaranteed to meet specified performance from –40°C to 85°C. The
LT6700H-1/-2/-3/LT6700HVH-1/-2/-3 is guaranteed to meet specified
performance from –40°C to 125°C.The LT6700MP-1/-2/-3 is guaranteed to
meet specified performance from –55°C to 125°C.
Note 6: VTH defines the threshold voltage of the comparators and
combines the effect of offset and reference accuracy.


Similar Part No. - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-3-TRMPBF LINER-LT6700HVHS6-3-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com