Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-2-TRMPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LT6700HVHS6-2-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-2-TRMPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6700HVHS6-2-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 17Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 18Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 19Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
16
6700123ff
APPLICATIONS INFORMATION
Figure 2. Micropower Thermostat/Temperature Alarm
LT6700-1
VS
10k
GND
+INA
–INB OUTB
OUTA
499k
RTH
T
RTH = 1M (e.g., YSI 44015, 1.00MΩ AT 25°C)
RSET = RTH AT TSET
*RESISTANCE MAY REQUIRE OPTIMIZATION FOR OPERATION
OVER INTENDED RTH AND VSUPPLY RANGES
HYSTERESIS ZONE ≈0.4°C
RSET
2 • VREF
499k
220k
220k*
3.3μF
3.3μF
1.4V TO 18V
(IS ≈ 10μA)
0.1μF
T < TSET
6700123 F02
ing into spec” condition, as with the examples in Figure 1),
the nominal resistor values are selected as follows:
R1 ≤ 400k (this sets the divider current >> IB of inputs)
R2 = R1 • (1.02 • VH/VL – 1)
R3 = R1 • (2.54 • VH – 1.02 • VH/VL)
The worst-case variance of the trip-points is related to
the specified threshold limits of the LT6700/LT6700HV
device and the basic tolerance of divider resistors used.
For resistor tolerance RTOL (e.g. 0.01 for 1%), the worst-
case trip-point voltage (either VH or VL) deviations can be
predicted as follows (italicized values are taken from the
datasheet, expressed in volts):
Max dev VTRIP↑ = ±VTRIPnom • {2 • RTOL • [(VTRIPnom – 0.4)
/ VTRIPnom] + 1.25 • (VTH(R)max – VTH(R)min)}
Max dev VTRIP↓ = ±VTRIPnom • {2 • RTOL • [(VTRIPnom – 0.39)
/ VTRIPnom] + 1.27 • (VTH(F)max – VTH(F)min)}
Generating an External Reference Signal
In some applications, it would be advantageous to have
access to a signal that is directly related to the internal
400mV reference, even though the reference itself is not
available externally. This can be accomplished to a reason-
able degree by using an inverting comparator section as
a “bang-bang” servo, establishing a nominal voltage, on
an integration capacitor, that is scaled to the reference.
This method is used in Figure 2, where the reference level
has been doubled to drive a resistor bridge. The section
B output cycles on and off to swing the section B input
between its hysteresis trip points as the load capacitor
charges and discharges in a shallow, controlled fashion.
The multiplied reference signal also contains ripple that is
the hysteresis multiplied by the same factor, so additional
filtering is performed at the sense node of the bridge to
prevent comparator chatter in the section A comparator,
which is performing the actual conditional decision for
the circuit.


Similar Part No. - LT6700HVHS6-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-2-TRMPBF LINER-LT6700HVHS6-2-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com