Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 17Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 18Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
15
6700123ff
APPLICATIONS INFORMATION
Power Supplies
The comparator family core circuitry operates from a single
1.4V to 18V supply. A minimum 0.1μF bypass capacitor
is required between the VS pin and GND. When an output
load is connected to the supply rail near the part and the
output is sinking more than 5mA, a 1μF bypass capacitor is
recommended. In instances where the supply is relatively
“soft” (such as with small batteries) and susceptible to
load steps, an additional 47Ω series decoupling resistor
can further improve isolation of supply transients from
the VS pin.
Flexible Window Comparator
Using the LT6700-1/LT6700HV-1 as shown in the circuits
of Figure 1, the wire-AND configuration permits high
accuracy window functions to be implemented with a
Figure 1. Simple Window Comparator
simple 3-resistor voltage divider network. The section A
comparator provides the VL trip-point and the section B
comparator provides the VH trip-point, with the built-in
hysteresis providing about 1.7% recovery level at each
trip point to prevent output chatter.
For designs that are to be optimized to detect
departure
from a window limit, the nominal resistor divider values
are selected as follows (refer to the resistor designators
shown on the first circuit of Figure 1):
R1 ≤ 400k (this sets the divider current >> IB of inputs)
R2 = R1 • (0.98 • VH/VL – 1)
R3 = R1 • (2.5 • VH – 0.98 • VH/VL)
To create window functions optimized for detecting
entry
into a window (i.e., where the output is to indicate a “com-
LT6700-1
VS
GND
R3
301k
R2
6.04k
33k
+INA
–INB OUTB
OUTA
VOUT
VS
VL
VH
3.3V
3.3V Supply Monitor
5V Supply Monitor
R1
40.2k
VOUT
HIGH = (3.1V < VS < 3.5V)
HYSTERESIS ZONES
APPROXIMATELY
2% OF TRIP VOLTAGE
LT6700-1
VS
GND
487k
6.04k
33k
+INA
–INB OUTB
OUTA
5V
40.2k
VOUT
HIGH = (4.7V < VS < 5.3V)
6700123 F01
0.1μF
0.1μF


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com