Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 17Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
14
6700123ff
APPLICATIONS INFORMATION
The LT6700-1/LT6700-2/LT6700-3/LT6700HV-1/
LT6700HV-2/LT6700HV-3 devices are a family of dual
micropower comparators with a built-in 400mV refer-
ence. Features include wide supply voltage range (1.4V to
18V), Over-The-Top input and output range, 2% accurate
rising input threshold voltage and 6.5mV typical built-in
hysteresis. The comparator’s open-collector outputs can
sink up to 40mA typical.
Internal Reference
Each of the comparator sections has one input available
externally, with the three versions of the part differing by
the polarity of those available inputs (i.e., inverting or
noninverting). The other comparator inputs are connected
internally to the 400mV reference. The rising input threshold
voltage of the comparators is designed to be equal to that
of the reference (i.e., ≈ 400mV). The reference voltage is
established with respect to the device GND connection.
Hysteresis
Each comparator has built-in 6.5mV (typical) hysteresis to
simplify designs, ensure stable operation in the presence
of noise at the inputs, and to reject supply rail noise that
might be induced by state change load transients. The
hysteresis is designed such that the falling input threshold
voltage is nominally 393.5mV. External positive feedback
circuitry can be employed with noninverting comparator
inputs to increase effective hysteresis if desired, but such
circuitry will provide an apparent effect on both the rising
and falling input thresholds (the actual internal thresholds
remain unaffected).
Comparator Inputs
A comparator input can swing from ground to 18V (36V
for LT6700HV), regardless of the supply voltage used. The
typical input current for inputs well above threshold (i.e.,
>800mV) is a few pA leaking into an input. With decreasing
input voltage, a small bias current begins to be drawn out
of the input, reaching a few nA when at ground potential.
The input may be forced 100mV below ground without
causing an improper output, though some additional bias
current will begin to flow from the parasitic ESD input pro-
tection diode. Inputs driven further negative than 100mV
below ground will not cause comparator malfunction or
damage (provided the current is limited to 10mA), but
the accuracy of the reference cannot be guaranteed, in
which case the output state of the alternate comparator
may be affected.
Comparator Outputs
The comparator outputs are open collector and capable
of sinking 40mA typical. Load currents are directed out
the GND pin of the part. The output off-state voltage may
range between –0.3V and 18V (36V for LT6700HV) with
respect to ground, regardless of the supply voltage used.
When the output high state bias voltage is above 18V, a
100k minimum pull-up resistor is required and total load
capacitor must be less than 100nF. If the output high state
is above 18V, caution must be taken to prevent a short
from the output directly to the bias voltage, even if the
output is in the off state. As with any open-collector device,
the outputs may be tied together to implement wire-AND
logic functions.


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com