Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
12
6700123ff
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage
Quiescent Supply Current
vs Supply Voltage
Start-Up Supply Current
Supply Current
vs Output Sink Current
Supply Current
vs Output Sink Current
Supply Current
vs Output Sink Current
Below Ground Input Bias Current
Low Level Input Bias Current
High Level Input Bias Current
SUPPLY VOLTAGE (V)
–5
–3
–1
1
–4
–2
0
1.3
1.7
6700123 G10
1.9
1.1
0.9
1.5
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
SUPPLY VOLTAGE (V)
1.4
3.4
6
7
8
15.4
13.4
17.4
6700123 G11
5
4
5.4
7.4
9.4 11.4
10
9
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
NO LOAD CURRENT
SUPPLY VOLTAGE (V)
0
30
40
50
0.8
6700123 G12
20
10
0
0.2
0.4
0.6
1.0
1.2
1.4
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G13
1
0.01
1000
100
TA = –40°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G14
1
0.01
1000
100
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G15
1
0.01
1000
100
TA = 85°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
INPUT VOLTAGE (V)
10
1000
10000
–0.3
–0.1
0
6700123 G16
1
–0.2
100
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 18V
–0.3V < VIB < 0V
CURRENT IS GOING OUT OF THE DEVICE
INPUT VOLTAGE (V)
0
–7
–6
–4
–3
–2
3
0
0.2
0.4 0.5
6700123 G17
–5
1
2
–1
0.1
0.3
0.6 0.7
1
0.9
0.8
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 18V
0V < VIB < 1V
CURRENT IS POSITIVE GOING
INTO THE DEVICE
INPUT VOLTAGE (V)
0.01
1
10
1
3
5
7
9
11
13
15
17
6700123 G18
0.001
0.1
TA = 25°C
TA = 85°C
TA = 125°C
VS = 18V
VIB > 1V
CURRENT IS GOING INTO THE DEVICE


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com