Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
11
6700123ff
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Rising Input
Threshold Voltage
Distribution of Falling Input
Threshold Voltage
Distribution of Hysteresis
Rising Input Threshold Voltage
vs Temperature
Rising Input Threshold Voltage
vs Temperature
Rising Input Threshold Voltage
vs Supply Voltage
Hysteresis vs Temperature
Hysteresis vs Temperature
Hysteresis vs Supply Voltage
RISING INPUT THRESHOLD VOLTAGE (mV)
394
396
398
400
402
404
406
0
2
6
8
10
18
6700123 G01
4
12
14
16
VS = 5V
TA = 25°C
FALLING INPUT THRESHOLD VOLTAGE (mV)
388
390
392
394
396
398
400
0
2
6
8
10
6700123 G02
4
12
14
18
16
VS = 5V
TA = 25°C
HYSTERESIS (mV)
4
4.8
5.6
6.4
7.2
8
8.8
0
2
6
8
10
6700123 G03
4
12
14
16
18
20
VS = 5V
TA = 25°C
TEMPERATURE (°C)
–60 –40
400
401
402
100 120
6700123 G04
399
398
–20
0
20406080
397
404
403
396
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TEMPERATURE (°C)
–60 –40
401.0
401.5
402.0
100 120
6700123 G05
400.5
400.0
–20
0
20406080
399.5
403.0
402.5
399.0
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
SUPPLY VOLTAGE (V)
401.0
401.5
402.0
6700123 G06
400.5
400.0
24
16
14
18
6
810
12
399.5
403.0
402.5
399.0
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
TEMPERATURE (°C)
–60 –40
6
7
8
100 120
6700123 G07
5
4
–20
0
20406080
3
10
9
2
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TEMPERATURE (°C)
–60 –40
6
7
8
100 120
6700123 G08
5
4
–20
0
20406080
3
10
9
2
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
SUPPLY VOLTAGE (V)
6
7
8
6700123 G09
5
4
24
16
14
18
6
810
12
3
10
9
2
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com