Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 2Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 3Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 4Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 5Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 6Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
6
6700123ff
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
LT6700H
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
390
392
389
388
411
410
412
413
mV
mV
mV
mV
VTH(F)
Falling Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
381.5
382.5
380.5
379.5
405.5
404.5
406.5
407.5
mV
mV
mV
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 1.4V, 5V, 12V, 18V, RL = 100k, VO = 2V Swing
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 100mV
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive
VS = 1.4V, IOUT = 0.1mA
VS = 1.6V, IOUT = 3mA
VS = 5V, IOUT = 5mA
250
250
250
mV
mV
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
1
1
μA
μA
IS
Supply Current
No Load Current
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
16.0
17.0
18.5
19.0
μA
μA
μA
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 125°C, (LT6700H-1/LT6700H-2/LT6700H-3)
unless otherwise specified (Notes 4, 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
LT6700H
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
390
392
389
388
411
410
412
413
mV
mV
mV
mV
VTH(F)
Falling Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
381.5
382.5
380.5
379.5
405.5
404.5
406.5
407.5
mV
mV
mV
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 1.4V, 5V, 12V, 18V, RL = 100k, VO = 2V Swing
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 100mV
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive
VS = 1.4V, IOUT = 0.1mA
VS = 1.6V, IOUT = 3mA
VS = 5V, IOUT = 5mA
250
250
250
mV
mV
mV
The
l denotes the specifications which apply over the temperature range of –55°C ≤ TA ≤ 125°C, (LT6700MP-1/LT6700MP-2/LT6700MP-3)
unless otherwise specified (Notes 4, 5).


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com