Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2-TRMPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT6703HDC-2-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2-TRMPBF Datasheet(HTML) 4 Page - Linear Technology

  LT6703HDC-2-TRMPBF Datasheet HTML 1Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 2Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 3Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6703-2/LT6703-3
4
670323fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
392
410
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
382.5
404.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
17.0
μA
The denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 125°C, (LT6703H-2/LT6703H-3) unless
otherwise specified (Notes 4, 5).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: The inputs are protected by ESD diodes to the ground pin. If the
input voltage exceeds –0.3V below ground, the input current should be
limited to less than 10mA.
Note 4: The LT6703C-2/-3, and LT6703I-2/-3 are guaranteed functional
over the operating temperature range of –40°C to 85°C.
The LT6703H-2/-3, is guaranteed functional over the operating
temperature range of –40°C to 125°C.
Note 5: The LT6703C-2/-3, are guaranteed to meet the specified
performance from 0°C to 70°C. The LT6703C-2/-3 are designed,
characterized and expected to meet specified performance from –40°C
to 85°C but are not tested or QA sampled at these temperatures. The
LT6703I-2/-3, are guaranteed to meet specified performance from –40°C
to 85°C. The LT6703H-2/-3, is guaranteed to meet specified performance
from –40°C to 125°C.
Note 6: VTH defines the threshold voltage of the comparator and combines
the effect of offset and reference accuracy.


Similar Part No. - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2TRMPBF LINER-LT6703HDC-2TRMPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2TRPBF LINER-LT6703HDC-2TRPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com