Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2-TRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT6703HDC-2-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2-TRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LT6703HDC-2-TRMPBF Datasheet HTML 1Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 2Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 3Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6703-2/LT6703-3
3
670323fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
395
400
405
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
387
393.5
400
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
3.5
6.5
9.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
±0.01
±0.01
±4
±10
±10
±10
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
70
200
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
0.01
0.01
0.8
0.8
μA
μA
tPD(HL)
High-to-Low Propagation Delay
VS = 5V, 10mV Input Overdrive, RL = 10k,
VOL = 400mV
18
μs
tPD(LH)
Low-to-High Propagation Delay
VS = 5V, 10mV Input Overdrive, RL = 10k,
VOH = 0.9 • VS
29
μs
tr
Output Rise Time
VS = 5V, 10mV Input Overdrive, RL = 10k
VO = (0.1 to 0.9) • VS
2.2
μs
tf
Output Fall Time
VS = 5V, 10mV Input Overdrive, RL = 10k
VO = (0.1 to 0.9) • VS
0.22
μs
IS
Supply Current
No Load Current, VS = 5V
6.5
11.0
μA
TA = 25°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
392.5
407.5
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
384.5
402.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
311
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
±15
±15
±15
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
14.0
μA
The denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C, (LT6703C-2/LT6703C-3) unless otherwise
specified (Notes 4, 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
392
408
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
383.5
403.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
2
11.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V
VS = 1.4V, 18V, VIN = 0.1V
±15
±15
±15
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 1.4V, VOUT = 18V, VIN = 40mV Overdrive
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
15.0
μA
The denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 85°C, (LT6703I-2/LT6703I-3) unless otherwise
specified (Notes 4, 5).


Similar Part No. - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2TRMPBF LINER-LT6703HDC-2TRMPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2TRPBF LINER-LT6703HDC-2TRPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com