Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6703HDC-2-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6703HDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 10Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 11Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT6703-2/LT6703-3
11
670323fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
DC Package
3-Lead Plastic DFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1717 Rev Ø)
2.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (W-TBD)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
BOTTOM VIEW—EXPOSED PAD
1.00
± 0.05
(2 SIDES)
1.35
± 0.05
(2 SIDES)
0.75
±0.05
0.40
±0.05
0.70
±0.05
1
3
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC3) DFN 1205 REV Ø
0.25
± 0.05
R = 0.05
TYP
R = 0.115 TYP
0.50 BSC
0.25
± 0.05
1.35
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.00
±0.05
(2 SIDES)
1.30
±0.05
2.00
±0.05
PACKAGE
OUTLINE
0.50 BSC
PIN 1 NOTCH
R = 0.20 OR
0.25
× 45°
CHAMFER


Similar Part No. - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2TRMPBF LINER-LT6703HDC-2TRMPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2TRPBF LINER-LT6703HDC-2TRPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com